Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8847GD Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8847GD
Description  6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847GD Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8847GD Datasheet HTML 13Page - Monolithic Power Systems MP8847GD Datasheet HTML 14Page - Monolithic Power Systems MP8847GD Datasheet HTML 15Page - Monolithic Power Systems MP8847GD Datasheet HTML 16Page - Monolithic Power Systems MP8847GD Datasheet HTML 17Page - Monolithic Power Systems MP8847GD Datasheet HTML 18Page - Monolithic Power Systems MP8847GD Datasheet HTML 19Page - Monolithic Power Systems MP8847GD Datasheet HTML 20Page - Monolithic Power Systems MP8847GD Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP8847 – 6A, 2.7V-6V, HIGH-EFFICIENCY, SYNCHRONOUS
STEP-DOWN SWITCHER WITH I
2C INTERFACE IN 2X3MM QFN
MP8847 Rev. 1.02
www.MonolithicPower.com
17
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP8847 is a low-voltage, 6A, synchronous,
step-down converter with a controllable I2C
interface. The MP8847 applies MPS’s patented
constant-frequency hysteretic control to utilize
fast transient response of the hysteretic control
and keep the switching frequency constant. No
compensation is required, which simplifies the
design procedure.
The MP8847 integrates an I2C-compatible
interface that allows transfers up to 3.4Mbps.
This communication interface can be used for
dynamic voltage scaling with voltage steps
down to 5mV with the output voltage from 0.6V
to 1.235V. The voltage transition slew rate can
be controlled as well.
Light-Load Operation
In light-load condition, the MP8847uses a
proprietary control scheme to save power and
improve efficiency. The MP8847 turns off the
low-side switch when the inductor current
begins reversing. The MP8847then works in
discontinuous
conduction
mode
(DCM)
operation.
Enable(EN)
When the input voltage is greater than the
under-voltage
lockout
(UVLO)
threshold
(typically 2.55V), the MP8847 can be enabled
by pulling EN above 1.8V. Pull EN down to
ground to disable the MP8847. The IC can also
be disabled by floating EN. There is an internal
1MΩ resistor from EN to ground.
Soft Start (SS)
The MP8847 has a built-in soft start that ramps
up the output voltage at a controlled slew rate,
preventing inrush current and output voltage
overshoot at start-up. The soft-start time is
about 1ms.
Power Good (PG) Indictor
The MP8847 has an open drain output for
power good (PG) indication. When the output
voltage is within ±10% of the regulation voltage,
PG is pulled up to VIN by the external resistor.
Current Limit
The MP8847 has a typical 9A current limit for
the high-side switch. When the high-side switch
reaches the current limit, the MP8847expands
the minimum off time until the current drops to
5.8A before the high-side switch is turned on for
the next switching cycle. This prevents the
inductor current from continuing to build up and
damaging the components.
Thermal Protection
The MP8847employs thermal shutdown by
monitoring the junction temperature of the IC
internally. If the junction temperature exceeds
the thermal warning threshold (around 130°C),
OTW is set. If there is no action or response
from the system, the junction temperature
continues rising until it exceeds the thermal
shutdown threshold (typically 150°C). After
thermal shutdown, a new power start-up cycle
is needed to turn on the MP8847 again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com