Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8848 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8848
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8848 Datasheet HTML 9Page - Monolithic Power Systems MP8848 Datasheet HTML 10Page - Monolithic Power Systems MP8848 Datasheet HTML 11Page - Monolithic Power Systems MP8848 Datasheet HTML 12Page - Monolithic Power Systems MP8848 Datasheet HTML 13Page - Monolithic Power Systems MP8848 Datasheet HTML 14Page - Monolithic Power Systems MP8848 Datasheet HTML 15Page - Monolithic Power Systems MP8848 Datasheet HTML 16Page - Monolithic Power Systems MP8848 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP8848 – 6A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I
2C
MP8848 Rev. 1.0
www.MonolithicPower.com
13
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 1: Output Voltage Chart
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
000 0000
0.600
010 0000
0.760
100 0000
0.920
110 0000
1.080
000 0001
0.605
010 0001
0.765
100 0001
0.925
110 0001
1.085
000 0010
0.610
010 0010
0.770
100 0010
0.930
110 0010
1.090
000 0011
0.615
010 0011
0.775
100 0011
0.935
110 0011
1.095
000 0100
0.620
010 0100
0.780
100 0100
0.940
110 0100
1.100
000 0101
0.625
010 0101
0.785
100 0101
0.945
110 0101
1.105
000 0110
0.630
010 0110
0.790
100 0110
0.950
110 0110
1.110
000 0111
0.635
010 0111
0.795
100 0111
0.955
110 0111
1.115
000 1000
0.640
010 1000
0.800
100 1000
0.960
110 1000
1.120
000 1001
0.645
010 1001
0.805
100 1001
0.965
110 1001
1.125
000 1010
0.650
010 1010
0.810
100 1010
0.970
110 1010
1.130
000 1011
0.655
010 1011
0.815
100 1011
0.975
110 1011
1.135
000 1100
0.660
010 1100
0.820
100 1100
0.980
110 1100
1.140
000 1101
0.665
010 1101
0.825
100 1101
0.985
110 1101
1.145
000 1110
0.670
010 1110
0.830
100 1110
0.990
110 1110
1.150
000 1111
0.675
010 1111
0.835
100 1111
0.995
110 1111
1.155
001 0000
0.680
011 0000
0.840
101 0000
1.000
111 0000
1.160
001 0001
0.685
011 0001
0.845
101 0001
1.005
111 0001
1.165
001 0010
0.690
011 0010
0.850
101 0010
1.010
111 0010
1.170
001 0011
0.695
011 0011
0.855
101 0011
1.015
111 0011
1.175
001 0100
0.700
011 0100
0.860
101 0100
1.020
111 0100
1.180
001 0101
0.705
011 0101
0.865
101 0101
1.025
111 0101
1.185
001 0110
0.710
011 0110
0.870
101 0110
1.030
111 0110
1.190
001 0111
0.715
011 0111
0.875
101 0111
1.035
111 0111
1.195
001 1000
0.720
011 1000
0.880
101 1000
1.040
111 1000
1.200
001 1001
0.725
011 1001
0.885
101 1001
1.045
111 1001
1.205
001 1010
0.730
011 1010
0.890
101 1010
1.050
111 1010
1.210
001 1011
0.735
011 1011
0.895
101 1011
1.055
111 1011
1.215
001 1100
0.740
011 1100
0.900
101 1100
1.060
111 1100
1.220
001 1101
0.745
011 1101
0.905
101 1101
1.065
111 1101
1.225
001 1110
0.750
011 1110
0.910
101 1110
1.070
111 1110
1.230
001 1111
0.755
011 1111
0.915
101 1111
1.075
111 1111
1.235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com