Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8848GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8848GD
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8848GD Datasheet HTML 1Page - Monolithic Power Systems MP8848GD Datasheet HTML 2Page - Monolithic Power Systems MP8848GD Datasheet HTML 3Page - Monolithic Power Systems MP8848GD Datasheet HTML 4Page - Monolithic Power Systems MP8848GD Datasheet HTML 5Page - Monolithic Power Systems MP8848GD Datasheet HTML 6Page - Monolithic Power Systems MP8848GD Datasheet HTML 7Page - Monolithic Power Systems MP8848GD Datasheet HTML 8Page - Monolithic Power Systems MP8848GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP8848
6A,
High-Efficiency, Synchronous,
Step-Down Switcher with I
2C Interface
MP8848 Rev. 1.0
www.MonolithicPower.com
1
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8848 is a highly integrated, high-
frequency, synchronous, step-down switcher
with an I2C control interface. The MP8848 can
support up to 6A of load current over an input
supply range from 2.7V to 6V with excellent
load and line regulation.
Constant-frequency hysteretic mode provides
an extremely fast transient response without
loop compensation to achieve high efficiency
easily under light-load condition.
The output voltage level can be controlled on-
the-fly through a 3.4Mbps I2C serial interface.
The voltage range can be adjusted from 0.6V to
1.235V in 5mV steps. The voltage slew rate,
switching frequency, and power-saving mode
are also selectable through the I2C interface.
Full protection features include internal soft
start, over-current protection (OCP), and over-
temperature protection (OTP).
The MP8848 requires a minimal number of
readily
available,
standard,
external
components and is available in a compact
QFN-15 (2mmx3mm) package.
FEATURES
 2.7V to 6V Input Voltage Range
 Up to 6A Load Current
 Internal 32mΩ High-Side and 15mΩ Low-
Side Power MOSFETs
 I2C-Compatible Interface up to 3.4Mbps
 I2C-Programmable Output Range from 0.6V
to 1.235V in 5mV Steps
 Factory Adjustable Switching Frequency
from 0.85MHz to 2.2MHz
 Power-Saving Mode Selectable via I2C
 Internal 1ms Soft Start
 Power Good Indicator
 Current Overload and Thermal Shutdown
Protection
 Available
in
a
QFN-15
(2mmx3mm)
Package
APPLICATIONS
 Processor Core Supplies
 Micro Converters
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
10
PFM
PWM


Similar Part No. - MP8848GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8848GD MPS-MP8848GD Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
More results

Similar Description - MP8848GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8847 MPS-MP8847 Datasheet
506Kb / 22P
6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8847-D-00A MPS-EV8847-D-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com