Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL082 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BL082
Description  5-4000 MHz Wideband Low Nosie Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL082 Datasheet(HTML) 4 Page - BeRex Corporation

  BL082_18 Datasheet HTML 1Page - BeRex Corporation BL082_18 Datasheet HTML 2Page - BeRex Corporation BL082_18 Datasheet HTML 3Page - BeRex Corporation BL082_18 Datasheet HTML 4Page - BeRex Corporation BL082_18 Datasheet HTML 5Page - BeRex Corporation BL082_18 Datasheet HTML 6Page - BeRex Corporation BL082_18 Datasheet HTML 7Page - BeRex Corporation BL082_18 Datasheet HTML 8Page - BeRex Corporation BL082_18 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5-4000 MHz Wideband Low Nosie Amplifier
BL082
S-Parameter
(Vd=5.0V,Id = 27mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
40
-2.29
-9.57
21.16
173.05
-31.23
24.95
-4.34
-9.36
70
-2.68
-8.88
20.91
173.03
-30.11
16.14
-4.85
-6.90
250
-3.06
-14.48
20.59
165.75
-29.65
12.76
-5.18
-3.93
500
-3.48
-25.67
20.04
154.53
-29.99
14.93
-5.02
-4.99
1000
-4.71
-44.66
18.70
134.90
-29.41
27.50
-4.70
-9.27
1500
-6.24
-57.52
17.06
119.30
-28.47
37.06
-4.49
-14.47
2000
-7.73
-67.16
15.37
108.77
-27.42
45.98
-4.28
-19.09
2500
-9.35
-74.58
14.48
100.78
-26.01
53.57
-4.15
-23.65
3000
-11.37
-82.86
13.26
88.64
-24.72
57.28
-4.17
-27.99
3500
-13.11
-92.60
11.93
82.51
-23.60
61.17
-4.19
-32.00
4000
-14.38
-106.14
11.17
75.97
-22.65
65.89
-4.18
-36.72
(Vd=3.3V,Id = 18mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
40
-2.15
-9.04
20.49
173.81
-31.08
29.96
-4.65
-9.19
70
-2.50
-8.01
20.28
173.95
-30.30
17.90
-5.13
-6.78
250
-2.81
-13.25
20.03
166.99
-29.76
14.00
-5.41
-4.91
500
-3.17
-23.56
19.58
156.45
-29.61
19.15
-5.34
-7.16
1000
-4.19
-41.48
18.43
137.29
-28.16
34.34
-5.22
-12.77
1500
-5.48
-54.34
16.94
121.73
-27.05
43.05
-5.08
-18.34
2000
-6.84
-64.40
15.37
110.94
-25.54
50.93
-5.07
-23.51
2500
-8.20
-72.33
14.54
102.36
-23.83
53.63
-5.04
-28.30
3000
-9.96
-81.09
13.36
90.17
-22.60
55.62
-5.22
-32.49
3500
-11.49
-91.30
12.07
83.52
-21.37
58.79
-5.38
-36.88
4000
-12.73
-104.77
11.33
76.62
-20.49
59.04
-5.62
-41.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com