Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9148 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9148
Description  6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9148 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9148 Datasheet HTML 6Page - Monolithic Power Systems MP9148 Datasheet HTML 7Page - Monolithic Power Systems MP9148 Datasheet HTML 8Page - Monolithic Power Systems MP9148 Datasheet HTML 9Page - Monolithic Power Systems MP9148 Datasheet HTML 10Page - Monolithic Power Systems MP9148 Datasheet HTML 11Page - Monolithic Power Systems MP9148 Datasheet HTML 12Page - Monolithic Power Systems MP9148 Datasheet HTML 13Page - Monolithic Power Systems MP9148 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP9148 – 6V, 1A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP9148 Rev.1.0
www.MonolithicPower.com
13
11/10/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C4
10 F
R1
806k
IN
EN1
EN2
SW1
SW2
GND
FB1
FB2
C1A
22 F
R2
412k
R3
806k
R4
825k
C6
10 F
VIN
5V
VOUT1
1.8V
VOUT2
1.2V
MP9148
L1
1.5
L2
1.5
EN1
EN2
C1B
22 F
C3
10 F
C5
10 F
Figure 4: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com