Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC210 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC210
Description  IPMI Baseboard Management Controller Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC210 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC210 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC210 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC210
IPMI Baseboard Management
Controller Product Brief
Overview
The VSC210 is an embedded controller tailored for
Intelligent
Platform
Management
Interface
(IPMI)
Baseboard Management Controller (BMC) applications.
The feature set selection and flexibility of this device
makes it the perfect BMC solution for entry through high-
end servers. No additional logic is required to interface
the VSC210 into Intel-Architecture (IA) servers and
workstations supporting LPC or X-Bus. Two I
2C serial
multi-master
controllers
and
UARTs
allow
system
designers to mix and match IPMB, ICMB and private I
2C
configurations to best meet the requirements of a
particular system.
The VSC210 includes a high
performance, 32-bit RISC processor, which provides the
processing bandwidth and addressability required for
sophisticated platform management strategies.
The
Software Development Kit (SDK) and evaluation board
allow for reduced development cycles, high code reuse
between implementations and faster time-to-market.
Device Features
• IPMI 1.0 Compatible
• LPC and X-Bus System Interfaces
• KCS and SMIC Logical Interfaces
• 32-bit, RISC CPU w/Debug Port
• Three IPMB or Multi-Master I2C Interfaces
• Two UARTs (one with ICMB)
• Up to 26 Programmable General Purpose I/Os
• User definable clock from 20-50MHz
• PLL for use with low frequency/cost crystals
• Internal 4KB SRAM
• Four External 1MB Address Ranges
• External Flash and/or SRAM (60ns to 350ns)
• 100 PQFP Package
Software Development Kit Features
• Abstracts IPMI Message handling to easy to use
APIs
• Modular architecture to support migration to other
I/O technologies and protocols
• Extensive peripheral device library
• Sample Personality Module source code
VSC210 Based IPMI Server Baseboard Architecture
Vitesse VSC210
(IPMI BMC)
FLASH
Ÿ
Code Storage
Ÿ
System Event Log
Ÿ
SDR Repository
Ÿ
Baseboard FRU Info
General Purpose I/Os
(x8, 12mA)
I2C Serial Bus
MEMORY BOARD
FRU SEEPROM
Vitesse VSC055
GPIO Expander
(x64 12mA)
PROCESSOR
BOARD
FRU SEEPROM
ICMB
BASEBOARD
System Bus (LPC or X-Bus)
IPMB
CHASSIS MGMT BOARD
IPMB Chassis
Controller
Monitoring &
Control Circuitry
FRU SEEPROM
STORAGE MGMT
BOARD
Vitesse
VSC100/200
Enclosure
Controller
Monitoring &
Control Circuitry
FRU SEEPROM
SCSI
FC-AL
RS-485
Transceivers
(optional)


Similar Part No. - VSC210

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC205 VITESSE-VSC205 Datasheet
25Kb / 2P
LVD SCSI Enclosure Management Controller Product Brief
logo
Pulse A Technitrol Comp...
VSC24 PULSE-VSC24 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
ITT Industries
VSC26PCB01 ITT-VSC26PCB01 Datasheet
105Kb / 4P
19 Pin Connectors for Lighting Applications
VSC26PCB02 ITT-VSC26PCB02 Datasheet
105Kb / 4P
19 Pin Connectors for Lighting Applications
VSC26PCB03 ITT-VSC26PCB03 Datasheet
105Kb / 4P
19 Pin Connectors for Lighting Applications
More results

Similar Description - VSC210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
National Semiconductor ...
PC87431C NSC-PC87431C Datasheet
41Kb / 4P
mini-Baseboard Management Controller (mBMC)
PC87435 NSC-PC87435 Datasheet
109Kb / 5P
PC87435 Enhanced IPMI Baseboard Management Controller
logo
Vitesse Semiconductor C...
VSC205 VITESSE-VSC205 Datasheet
25Kb / 2P
LVD SCSI Enclosure Management Controller Product Brief
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
Digital Signal Controller Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
logo
Vitesse Semiconductor C...
SSC050 VITESSE-SSC050 Datasheet
41Kb / 2P
I2C Backplane Controller Product Brief
logo
Alpha & Omega Semicondu...
AOZ97774QE AOSMD-AOZ97774QE Datasheet
665Kb / 8P
Dual Digital Multiphase Controller Product Brief
Rev. 1.0 May 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com