Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83C469 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VT83C469
Description  PCMCIA Socket Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT83C469 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VT83C469 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
VIA Technologies, Inc.
Preliminary VT83C469
2
VIA VT83C469 PCMCIA SOCKET CONTROLLER
DATE: MARCH 13, 1995
OVERVIEW
The VIA VT83C469 is a highly integrated PC Card socket controller chip that implements the PCMCIA 2.0/JEIDA
4.1 specifications. The chip is register compatible with the INTEL 82365SL and supports two PC card sockets with a
fully buffered PCMCIA interface. No external buffer is required between the ISA bus and PCMCIA bus. For systems
requiring more than two sockets, the VT83C469 can be cascaded to support up to eight sockets without external
logic. Under EEPROM IO resource data, the VT83C469 can support unlimited sockets under ISA Plug and Play
mode
In addition, the VT83C469 offers a jumperless configuration mechanism which allows the system manufacturer to
set up a configuration (CONFIG.SYS) driver for PC card setup.
FEATURES
•
Single chip PCMCIA controller between ISA bus and PCMCIA bus
•
Full ExCA implementation of two PCMCIA 2.0/JEIDA 4.1 PC Card sockets
•
Register-compatible with INTEL 82365SL
•
Supports memory cards, I/O cards and DMA cards
•
Supports PCMCIA-ATA disk interface
•
8 or 16-bit CPU interface
•
8 or 16-bit PCMCIA interface support
•
High integration without any external logic or buffers
•
Five mappable memory windows and two I/O windows for each socket
•
Pin to Pin compatibility with Vadem VG-468
•
208 PQFP/Two sockets support
•
Plug and Play ISA specifications version 1.0 with EEPROM
 Supports dynamic relocation of address space to avoid conflicts with system resources.
 Supports multiple PCMCIA controllers
 Features easy interface and design for docking stations
•
Mixed voltage operation
 Support 3.3v or 5v PCMCIA socket interface
•
Support PC card DMA operation
•
Dual configuration for drive bay: socket controller can be located either on motherboard/ISA plug-in board
or in the drive bay housing
•
Support up to 8 sockets without external decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com