Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4124 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MMBT4124
Description  25V NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT4124 Datasheet(HTML) 5 Page - Diodes Incorporated

  MMBT4124_16 Datasheet HTML 1Page - Diodes Incorporated MMBT4124_16 Datasheet HTML 2Page - Diodes Incorporated MMBT4124_16 Datasheet HTML 3Page - Diodes Incorporated MMBT4124_16 Datasheet HTML 4Page - Diodes Incorporated MMBT4124_16 Datasheet HTML 5Page - Diodes Incorporated MMBT4124_16 Datasheet HTML 6Page - Diodes Incorporated MMBT4124_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMBT4124
Document number: DS30105 Rev. 13- 2
5 of 7
www.diodes.com
April 2016
© Diodes Incorporated
MMBT4124
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 1 Typical DC Current Gain vs. Collector Current
C
0.01
0.1
1
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
0.1
1
10
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 3 Typical Base-Emitter Saturation Voltage
vs. Collector Current
I
C
B
I
= 10
T = 25°C
A
T = 75°C
A
T = -25°C
A
T = 125°C
A
0
5
15
10
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Capacitance Characteristics
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com