Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST2222A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST2222A
Description  40V NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST2222A Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST2222A Datasheet HTML 1Page - Diodes Incorporated MMST2222A Datasheet HTML 2Page - Diodes Incorporated MMST2222A Datasheet HTML 3Page - Diodes Incorporated MMST2222A Datasheet HTML 4Page - Diodes Incorporated MMST2222A Datasheet HTML 5Page - Diodes Incorporated MMST2222A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMST2222A
Document number: DS30080 Rev. 11 - 2
1 of 6
www.diodes.com
May 2016
© Diodes Incorporated
MMST2222A
40V NPN SMALL SIGNAL TRANSISTOR IN SOT323
Features
BVCEO > 40V
IC = 600mA Collector Current
Epitaxial Planar Die Construction
Ultra-Small Surface Mount Package
Complementary PNP Type: MMST2907A
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT323
Case Material: Molded Pl
astic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.006 grams (Approximate)
Ordering Information (Note 4)
Product
Status
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMST2222A-7-F
Active
AEC-Q101
K3P
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
2026
Code
D
E
F
G
H
I
J
K
L
M
N
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Symbol
Pin-Out Top View
C
E
B
e3
SOT323
K3P = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: D = 2016)
M or M = Month (ex: 9 = September)
K3P
SOT323


Similar Part No. - MMST2222A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST2222A TRSYS-MMST2222A Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST2222A ROHM-MMST2222A Datasheet
79Kb / 3P
NPN Medium Power Transistor (Switching)
logo
Diodes Incorporated
MMST2222A DIODES-MMST2222A Datasheet
55Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30080 Rev. 1 - 2
MMST2222A DIODES-MMST2222A Datasheet
84Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30080 Rev. 8 - 2
logo
Comchip Technology
MMST2222A COMCHIP-MMST2222A Datasheet
126Kb / 4P
GENERAL PURPOSE TRANSISTORS
More results

Similar Description - MMST2222A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904-13-F DIODES-MMBT3904-13-F Datasheet
132Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 20
DXT3904 DIODES-DXT3904_15 Datasheet
392Kb / 6P
40V NPN SMALL SIGNAL TRANSISTOR IN SOT89
Rev 4
MMBT3904FA DIODES-MMBT3904FA Datasheet
141Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
MMBT2222A DIODES-MMBT2222A_16 Datasheet
244Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR
Rev 16
MMBT2222AT DIODES-MMBT2222AT_18 Datasheet
556Kb / 6P
40V NPN SMALL SIGNAL TRANSISTOR
Rev 13
MMBT3904 DIODES-MMBT3904_17 Datasheet
405Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR
Rev 25
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
Rev 1
MMDT3904 DIODES-MMDT3904_16 Datasheet
351Kb / 6P
40V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 18
MMDT2222A DIODES-MMDT2222A_16 Datasheet
272Kb / 6P
40V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 14
MMDT2222V DIODES-MMDT2222V_16 Datasheet
588Kb / 6P
40V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com