Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2008ZTA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTP2008ZTA
Description  30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2008ZTA Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXTP2008ZTA Datasheet HTML 1Page - Diodes Incorporated ZXTP2008ZTA Datasheet HTML 2Page - Diodes Incorporated ZXTP2008ZTA Datasheet HTML 3Page - Diodes Incorporated ZXTP2008ZTA Datasheet HTML 4Page - Diodes Incorporated ZXTP2008ZTA Datasheet HTML 5Page - Diodes Incorporated ZXTP2008ZTA Datasheet HTML 6Page - Diodes Incorporated ZXTP2008ZTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXTP2008Z
Document number: DS33709 Rev. 2 - 2
6 of 7
www.diodes.com
July 2017
© Diodes Incorporated
ZXTP2008Z
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT89
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT89
SOT89
Dim
Min
Max
Typ
A
1.40
 1.60
1.50
B
0.50
0.62
0.56
B1
0.42
0.54
0.48
c
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.62
1.83
1.733
D2
1.61
1.81
1.71
E
2.40
2.60
2.50
E2
2.05
2.35
2.20
e
-
-
1.50
H
3.95
4.25
4.10
H1
2.63
2.93
2.78
L
0.90
1.20
1.05
L1
0.327 0.527
0.427
z
0.20
0.40
0.30
All Dimensions in mm
Dimensions
Value
(in mm)
C
1.500
G
0.244
X
0.580
X1
0.760
X2
1.933
Y
1.730
Y1
3.030
Y2
1.500
Y3
0.770
Y4
4.530
H1
E
H
D1
B
e
c
L
A
D
8° (4X)
D2
E2
z
L1
R0.2
00
B1
Y4
X2
Y1
X
Y
Y2
Y3
G
C
X1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com