Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP5240F-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP5240F-7
Description  40V PNP LOW SATURATION TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP5240F-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP5240F-7 Datasheet HTML 1Page - Diodes Incorporated ZXTP5240F-7 Datasheet HTML 2Page - Diodes Incorporated ZXTP5240F-7 Datasheet HTML 3Page - Diodes Incorporated ZXTP5240F-7 Datasheet HTML 4Page - Diodes Incorporated ZXTP5240F-7 Datasheet HTML 5Page - Diodes Incorporated ZXTP5240F-7 Datasheet HTML 6Page - Diodes Incorporated ZXTP5240F-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTP5240F
Document number: DS39609 Rev. 2 - 2
4 of 7
www.diodes.com
April 2018
© Diodes Incorporated
ZXTP5240F
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-40

V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-40
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-5

V
IE = -100µA
Collector-Base Cutoff Current
ICBO


-100
nA
VCB = -30V, IE = 0
-50
µA
VCB = -30V, IE = 0, TA = +150°C
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = -4V, IC = 0
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
300
VCE = -2V, IC = -0.1A
260
VCE = -2V, IC = -0.5A
210
VCE = -2V, IC = -1A
100
VCE = -2V, IC = -2A
Collector-Emitter Saturation Voltage
VCE(SAT)
-100
mV
IC = -100mA, IB = -1mA

-45
-110
IC = -500mA, IB = -50mA

-225
IC = -750mA, IB = -15mA

-225
IC = -1A, IB = -50mA

-350
IC = -2A, IB = -200mA
Equivalent On-Resistance
RCE(SAT)
90
220
m
Ω
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT)

-1.1
V
IC = -2A, IB = -200mA
Base-Emitter Turn-On Voltage
VBE(ON)

-0.75
V
VCE = -2V, IC = -100mA
SMALL SIGNAL CHARACTERISTICS
Switching times
tD
21
ns
VCC = -10V,
IC = -500mA,
IB1 = IB2 = -50mA
tR
22
tS
120
tF
23
Transition Frequency
fT
100
MHz
VCE = -10V, IC = -100mA,
f = 100MHz
Output Capacitance
COB
28
pF
VCB = -10V, f = 1MHz
Note:
9. Measured under pulsed conditions. Pulse width
 300µs. Duty cycle  2%.
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
6
7
8
9
10
I = -1mA
B
I = -2mA
B
I = -3mA
B
I = -4mA
B
I = -5mA
B
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Figure 1 Typical Collector Current
vs. Collector-Emitter Voltage
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Figure 2 Typical DC Current Gain vs. Collector Current
10
100
10,000
1,000
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -2V
CE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com