Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP56020FDBQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP56020FDBQ
Description  20V DUAL PNP LOW VCE(SAT) TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP56020FDBQ Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP56020FDBQ Datasheet HTML 1Page - Diodes Incorporated ZXTP56020FDBQ Datasheet HTML 2Page - Diodes Incorporated ZXTP56020FDBQ Datasheet HTML 3Page - Diodes Incorporated ZXTP56020FDBQ Datasheet HTML 4Page - Diodes Incorporated ZXTP56020FDBQ Datasheet HTML 5Page - Diodes Incorporated ZXTP56020FDBQ Datasheet HTML 6Page - Diodes Incorporated ZXTP56020FDBQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTP56020FDBQ
Datasheet number: DS38567 Rev.1 - 2
2 of 7
www.diodes.com
April 2017
© Diodes Incorporated
ZXTP56020FDBQ
Absolute Maximum Ratings
– Q1 & Q2 (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-2
A
Peak Pulse Collector Current
ICM
-3
A
Base Current
IB
-300
mA
Peak Base Current
IBM
-1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Notes 6 & 8)
PD
405
mW
(Notes 6 & 9)
510
(Notes 7 & 8)
1650
(Notes 7 & 9)
2470
Thermal Resistance, Junction to Ambient
(Notes 6 & 8)
RJA
308
°C/W
(Notes 6 & 9)
245
(Notes 7 & 8)
76
(Notes 7 & 9)
51
Thermal Resistance, Junction to Lead
(Note 10)
RJL
18
°C/W
Operating and Storage Temperature Range
—
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 11)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge
– Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge
– Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted with the exposed collector pads on minimum recommended pad layout that is on a single-sided 1.6mm FR-4 PCB; device is
measured under still air conditions whilst operating in a steady-state.
7. Same as note (6), except the device is mounted with the collector pad on 28mm x 28mm (8cm
2) 2oz copper.
8. For a dual device with one active die.
9. For dual device with 2 active die running at equal power.
10. Thermal resistance from junction to solder-point (on the exposed collector pads).
11. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com