Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9184GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP9184GL
Description  17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9184GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP9184GL Datasheet HTML 12Page - Monolithic Power Systems MP9184GL Datasheet HTML 13Page - Monolithic Power Systems MP9184GL Datasheet HTML 14Page - Monolithic Power Systems MP9184GL Datasheet HTML 15Page - Monolithic Power Systems MP9184GL Datasheet HTML 16Page - Monolithic Power Systems MP9184GL Datasheet HTML 17Page - Monolithic Power Systems MP9184GL Datasheet HTML 18Page - Monolithic Power Systems MP9184GL Datasheet HTML 19Page - Monolithic Power Systems MP9184GL Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP9184 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP9184 Rev. 1.0
www.MonolithicPower.com
16
8/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The MOSFET voltage rating should be equal to
or greater than the output voltage. The average
current rating must be greater than the maximum
load current. The peak-current rating must be
greater than the peak-inductor current. If a
Schottky diode is used as the output rectifier, the
same specifications should be considered.
Compensation
The output of the transconductance error
amplifier (COMP) is used to compensate the
regulation control system. The system uses two
poles and one zero to stabilize the control loop.
The poles are FP1, set by the output capacitor
(COUT) and the load resistance, and FP2, which
starts from the origin. The zero FZ1 is set by the
compensation capacitor (CCOMP) and
the
compensation
resistor
(RCOMP).
These
are
determined by the equations:
P1
LOAD
OUT
1
F(Hz)
2R
C

Z1
COMP
COMP
1
F(Hz)
2R
C

Where, RLOAD is the load resistance.
The DC loop gain is calculated as follows:
VEA
IN
LOAD
FB
CS
COMP
VDC
2
OUT
AV
R
V
G
R
A
(V / V)
2V

Where GCS is the compensation voltage to the
inductor-current gain, AVEA is the error amplifier
voltage gain, and the VFB is the feedback
regulation threshold.
Also, there is a right-half-plane zero (FRHPZ) that
exists in continuous conduction mode (CCM).
The inductor current does not drop to zero each
cycle. The frequency of the right-half plane zero
is:
2
LOAD
IN
RHP
OUT
R
V
F(
) (Hz)
2L
V


The right-half-plane zero increases the gain and
reduces the phase simultaneously, resulting in a
smaller phase and gain margin. The worst case
happens during conditions of minimum input
voltage and maximum output power.
Compensation recommendations are listed in the
“Typical Application Circuits” section.
PCB Layout Guide
High-frequency switching regulators require very
careful PCB layout for stable operation and low
noise. All components must be placed as close to
the IC as possible.
Route on bottom layer
SW
SW
PGND
PGND
PGND
SW
PGND
PGND
SW
SW
1
2
3
4
5
6
7
8
1
2
2
1
1
2
1
2
2
1
2
1
1
2
C1
1
2
R4
VIN
GND
VOUT
L1
U1
Q1
C2
R2
C4
C6
Figure 4. PCB Layout Reference
Refer to Figure 4 and the guidelines below to
optimize performance:
1. Keep the output loop (SW, PGND, Q1, and
C2) as small as possible.
2. Place FB divider R1 and R2 as close as
possible to FB.
3. Route the sensing traces (SENSE and IN) in
parallel closely with a small closed area. The
0805 package is recommended
for the
sensing resistor (R4) to reduce parasitic
inductance.
4. Connect FB and OUT feedback from the
output capacitor (C2).
5. Connect the compensation components and
SS capacitor to AGND with a short loop.
6. Connect the VDD capacitor to AGND with a
short loop. Do not connect to PGND net
before connecting to IC-AGND.
7. Connect the compensation components and
SS capacitor to AGND with a short loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com