Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9218 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP9218
Description  High Performance Regulated Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9218 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP9218 Datasheet HTML 1Page - Monolithic Power Systems MP9218 Datasheet HTML 2Page - Monolithic Power Systems MP9218 Datasheet HTML 3Page - Monolithic Power Systems MP9218 Datasheet HTML 4Page - Monolithic Power Systems MP9218 Datasheet HTML 5Page - Monolithic Power Systems MP9218 Datasheet HTML 6Page - Monolithic Power Systems MP9218 Datasheet HTML 7Page - Monolithic Power Systems MP9218 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP9218–HIGH PERFORMANCE REGULATED CHARGE PUMP
MP9218 Rev. 1.0
www.MonolithicPower.com
2
10/20/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number 
Package
Top Marking 
MP9218DGT* 
TQFN-6(2mm*2mm) 
See Below
* For Tape & Reel, add suffix –Z (e.g. MP9218DGT–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP9218DGT-LF-Z)
TOP MARKING
DE: product code of MP9218DGT;
Y: year code;
LLL: lot number;
PACKAGE REFERENCE
TOP VIEW
TQFN-6 (2mm*2mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Input Voltage.................. –0.3V to +6.0V
All Other Pins............................. –0.3V to +6.0V
Continuous Power Dissipation (TA = +25°C)
(2)
……………………………………………....1.56W
Storage Temperature.............. –65°C to +150
°C
Junction Temperature............................ +150
°C
Lead Temperature ................................. +260
°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ......................... 2.8V to 5.0V
Output Voltage VOUT....................................5.0V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TQFN-6 (2mmx2mm)..............80 ...... 16 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-
to-ambient thermal resistance θJA, and the ambient
temperature TA. The maximum allowable continuous
power dissipation at any ambient temperature is
calculated by PD (MAX) = (TJ (MAX)-TA)/θJA. Exceeding the
maximum
allowable
power
dissipation
will
cause
excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com