Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9442 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9442
Description  High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9442 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9442 Datasheet HTML 9Page - Monolithic Power Systems MP9442 Datasheet HTML 10Page - Monolithic Power Systems MP9442 Datasheet HTML 11Page - Monolithic Power Systems MP9442 Datasheet HTML 12Page - Monolithic Power Systems MP9442 Datasheet HTML 13Page - Monolithic Power Systems MP9442 Datasheet HTML 14Page - Monolithic Power Systems MP9442 Datasheet HTML 15Page - Monolithic Power Systems MP9442 Datasheet HTML 16Page - Monolithic Power Systems MP9442 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP9442 – 36V, 2A SYNCHRONOUS STEP-DOWN CONVERTER
MP9442 Rev. 1.0
www.MonolithicPower.com
13
12/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP9442 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter with
built-in power MOSFETs. It offers a very compact
solution to achieve 2A continuous output current
with excellent load and line regulation over a
wide input supply range.
When MP9442 operates in a fixed-frequency,
peak-current–control mode to regulate the output
voltage, an internal clock initiates a PWM cycle.
The integrated high-side power MOSFET turns
on and remains on until its current reaches the
value set by the COMP voltage. When the power
switch is off, it remains off until the next clock
cycle starts. If the current in the power MOSFET
does not reach the current value set by COMP
within 93% of one PWM period, the power
MOSFET will be forced to turn off.
Internal Regulator
The 5V internal regulator power most of the
internal circuitries. This regulator is supplied by
the VIN input and operates in the full VIN range:
When VIN exceeds 5.0V, the output of the
regulator is in full regulation; when VIN falls below
5.0V, the output of the regulator decreases
following the VIN. A 0.1uF decoupling ceramic
capacitor is needed at the pin.
Error Amplifier
The error amplifier compares the FB pin voltage
against the internal 0.792V reference (REF) and
outputs a COMP voltage—this COMP voltage
controls the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.
Power Save Mode for Light Load Condition
The MP9442 has AAM (Advanced Asynchronous
Modulation) power-save mode for light load. The
AAM threshold is fixed internally. Under the
heavy load condition, the VCOMP is higher than
VAAM. When the clock goes high, the high-side
power MOSFET turns on and remains on until
VILsense reaches the value set by the COMP
voltage. The internal clock resets every time
when VCOMP is higher than VAAM.
Under the light load condition, the value of VCOMP
is low. When VCOMP is less than VAAM and VFB is
less than VREF, VCOMP ramps up until it exceeds
VAAM. During this time, the internal clock is
blocked, thus the MP9442 skips some pulses for
PFM (Pulse Frequency Modulation) mode and
achieves the light load power save.
Figure 2: Simplified AAM Control Logic
Enable/SYNC control
EN/SYNC is a digital control pin that turns the
regulator on and off: Drive EN/SYNC high to turn
on the regulator, drive it low to turn it off. An
internal 500kΩ resistor from EN/SYNC to GND
allows EN/SYNC to be floated to shut down the
chip.
The EN/SYNC pin is clamped internally using a
6.5V series Zener diode, as shown in Figure 3.
Connect the EN/SYNC pin through a pullup
resistor to any voltage connected to the VIN pin—
the pullup resistor limits the EN/SYNC input
current to less than 100µA.
For example, with 12V connected to VIN, RPULLUP
≥ (12V – 6.5V) ÷ 100µA = 55kΩ.
Connecting the EN/SYNC pin directly to a voltage
source without any pullup resistor requires
limiting voltage amplitude to ≤6V to prevent
damage to the Zener diode.
Figure 3: 6.5V-type Zener Diode
Connect an external clock with a range of
200kHz to 2.2MHz to synchronize the internal
clock rising edge to the external clock rising edge.
The pulse width of external clock signal should
be less than 2μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com