Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9447 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9447
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9447 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9447 Datasheet HTML 9Page - Monolithic Power Systems MP9447 Datasheet HTML 10Page - Monolithic Power Systems MP9447 Datasheet HTML 11Page - Monolithic Power Systems MP9447 Datasheet HTML 12Page - Monolithic Power Systems MP9447 Datasheet HTML 13Page - Monolithic Power Systems MP9447 Datasheet HTML 14Page - Monolithic Power Systems MP9447 Datasheet HTML 15Page - Monolithic Power Systems MP9447 Datasheet HTML 16Page - Monolithic Power Systems MP9447 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP9447–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9447 Rev. 1.2
www.MonolithicPower.com
13
1/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
UVLO Protection
The
MP9447
has
under-voltage
lock-out
protection (UVLO). When the input voltage is
higher than the UVLO rising threshold voltage,
the MP9447 will be powered up. It shuts off when
the input voltage is lower than the UVLO falling
threshold voltage. This is non-latch protection.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor power the
floating-power-MOSFET
driver.
A
dedicated
internal regulator charges and regulates the
bootstrap capacitor voltage to ~5V. When the
voltage between the BST and SW nodes drops
below regulation, a PMOS pass transistor
connected from VIN to BST turns on. The
charging current path is from VIN, BST and then
to SW. The external circuit should provide
enough voltage headroom to facilitate charging.
As long as VIN is significantly higher than SW, the
bootstrap capacitor remains charged. When the
HS-FET is ON, VIN≈VSW so the bootstrap
capacitor cannot charge.
When the LS-FET is ON, VIN−VSW reaches its
maximum for fast charging. When there is no
inductor current, VSW=VOUT so the difference
between VIN and VOUT can charge the bootstrap
capacitor.
At higher duty cycles, the bootstrap-charging
time is shorter so the bootstrap capacitor may not
charge sufficiently. In case the internal circuit has
insufficient voltage and time to charge the
bootstrap capacitor, the bootstrap capacitor
voltage will drop low. When VBST−VSW drops
below 2.3V, the HS-FET turns OFF. A UVLO
circuit allows the LS-FET to conduct and refresh
the charge on the bootstrap capacitor. Once
bootstrap capacitor voltage is charged, the HS-
FET can turn on again and the part resumes
normal switching. With this bootstrap refreshing
function, MP9447 is able to work on the low drop-
out mode.
Thermal Shutdown
The MP9447 uses thermal shutdown. The
junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typically 165°C), the
converter shuts off. This is a non-latched
protection. There is about 25°C hysteresis. Once
the junction temperature drops to about 140°C, it
initiates a SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com