Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NERM Datasheet(PDF) 3 Page - Nova Electric. All Rights Reserved.

Part # NERM
Description  True-on-Line UPS System 6-400 KVA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

NERM Datasheet(HTML) 3 Page - Nova Electric. All Rights Reserved.

  NERM Datasheet HTML 1Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 2Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 3Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 4Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.novaelectric.com
NOVA ELECTRIC div. Of Technology Dynamics Inc.
*Specifications are subject to change without notice
ISO 9001
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail :
novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702
Capacity
Input voltage (with neutral)
Input frequency
Input Power factor
Input current THD (Total Harmonic Distor on)
Input voltage window
Frequency window
Ba ery voltage
Charger power
Charger voltage precision
Bypass voltage
Bypass voltage window
Output voltage
Voltage precision
Voltage THD (Total Harmonic Distor on)
Power factor
Phase tolerance
Crest factor
Ba ery mode efficiency
Display
IP class
Interface (Communica on Ports)
Installa on/Connec on
Opera on temperature
Storage temperature (Electronics)
Rela ve humidity
Noise (dB)
6-module Cabinet NERM060/10,RM090/15,NERM120/20 150kg/330Lb
10-module Cabinet NERM100/10,RM150/15,NERM200/20 180kg/396Lb
NEPM10 10KVA
NEPM20 20KVA
6-module Cabinet
10-module Cabinet
Module (10/20 KVA)
220/380 VAC THRU 277/480 VAC MODELS
Specifica on
10-200 KVA (to 400 KVA with 2 racks)
Main Input
Ba ery
220/380, 230/400, 240/415 or 277/480 VAC (with op onal transformer)
50/60 Hz
>0.99
<3%
-20% to +20% at full load; -40% to +20% at 70% load or less
40-70 HZ Programmable
±0.5% (balanced load), ±1% (unbalanced load)
THD<1.5% (linear load), THD<5% (nonlinear load)
0.8
120°±0.5°(balance and unbalance load)
3:1
Overload capability
Weight (kg/Lb)
Note: Cabinets do not need to be fully populated
Dimension (W*D*H)(mm/inch)
<55dB
-25°C to +70°C (Ba ery may be different)
0-95% (non-condensing)
System
Up to 105%, con nuous opera on
Up to 110%, transfer to bypass a er 1hour
Up to 125%, transfer to bypass a er 10 minutes
Up to 150%, transfer to bypass a er 1 minute
>150%, transfer to bypass a er 200 ms
Normal mode: 95%
95%
LCD+LED, Touch screen and keyboard
IP20
±240 VDC (Nominal)
20%*Power
1%
220/380, 230/400, 240/415 or 277/480 VAC (with op onal transformer)
Bypass
-20%~ +15%, full load, se able
< 125%, long term opera on (2 hours maximum)
125%<load<130%, for more than 1 hour
130%<load<150%, for more than 6 minutes
220/380, 230/400, 240/415 or 277/480 VAC (with op onal transformer)
Output
Bypass overload capability
>1000%, for more than 100 ms
440*600*134 / 17.3*23.6*5.27
Top or bo om cable connec on
0-40°C (to 50°C with 15% dera ng)
20kg/44Lb
22kg/49Lb
System efficiency
ECO mode: 99%
RS232, RS485, Dry Contacts, SNMP Card, EPO, Generator Interface
600*900*1600 / 23.6*35.5*63
600*900*2000 / 23.6*35.5*78.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com