Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9473 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP9473
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9473 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP9473 Datasheet HTML 8Page - Monolithic Power Systems MP9473 Datasheet HTML 9Page - Monolithic Power Systems MP9473 Datasheet HTML 10Page - Monolithic Power Systems MP9473 Datasheet HTML 11Page - Monolithic Power Systems MP9473 Datasheet HTML 12Page - Monolithic Power Systems MP9473 Datasheet HTML 13Page - Monolithic Power Systems MP9473 Datasheet HTML 14Page - Monolithic Power Systems MP9473 Datasheet HTML 15Page - Monolithic Power Systems MP9473 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP9473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9473 Rev. 1.1
www.MonolithicPower.com
12
8/1/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP9473 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter. At
the beginning of each cycle, the high-side
MOSFET (HS-FET) turns ON when the feedback
voltage (VFB) drops below the reference voltage
(VREF). This indicates an insufficient output
voltage. The ON period is determined by the
input voltage and the frequency-set resistor,
which can be calculated as follows:

 
FREQ
ON
DELAY
IN
96 R
k
tns
t
(ns)
V


(1)
After the ON period elapses, the HS-FET turns
OFF. It turns ON again when VFB drops below
VREF. By repeating this operation, the converter
regulates the output voltage. To minimize
conduction
loss,
the
integrated,
low-side
MOSFET (LS-FET) turns ON when the HS-FET
is OFF. A dead short occurs between the input
and GND if both the HS-FET and the LS-FET
turn on simultaneously (shoot through). An
internal dead-time (DT), generated between HS-
FET OFF and LS-FET ON or LS-FET OFF and
HS-FET ON, prevents shoot through.
Heavy-Load Operation
t
ON
Figure 1: Heavy-Load Operation
In continuous-conduction mode (CCM), when the
output current is HIGH, the HS-FET and LS-FET
repeatedly turn ON/OFF (see MPS. All Rights
Reserved. The inductor current never reaches
zero. In CCM, the switching frequency (fSW) is
fairly constant.
Light-Load Operation
At light-load or no-load conditions, the output
drops very slowly; the MP9473 reduces the
switching frequency automatically to maintain
high efficiency. Figure 2 shows light-load
operation. VFB does not reach VREF as the
inductor current approaches zero. The LS-FET
driver enters a tri-state (high Z) whenever the
inductor
current
reaches
zero.
A
current
modulator takes control of the LS-FET and limits
the inductor current to less than -1mA. This
causes the output capacitors to discharge slowly
to GND through the LS-FET to improve light-
load efficiency. At light loads, the HS-FET does
not turn ON as frequently as with heavy loads.
This is called skip mode.
t
ON
Figure 2: Light-Load Operation
As the output current increases from the light-
load
conditions,
the
current
modulator’s
regulatory time period becomes shorter. The HS-
FET turns ON more frequently, thus increasing
the switching frequency. The output current
reaches a critical level when the current
modulator time is zero. The critical output-current
level can be calculated as follows:
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V


(2)
It enters PWM mode once the output current
exceeds the critical level; then the switching
frequency stays fairly constant over the output-
current range.
Switching Frequency
The input voltage is feed-forwarded to the on-
time one-shot timer through the resistor (RFREQ).
The duty ratio remains at VOUT/VIN, allowing the
switching frequency to remain fairly constant over
the input-voltage range. The switching frequency
can be calculated as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com