Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9943 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9943
Description  High Efficiency 3A Peak, 36V, Synchronous Step Down Converter With Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9943 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9943 Datasheet HTML 9Page - Monolithic Power Systems MP9943 Datasheet HTML 10Page - Monolithic Power Systems MP9943 Datasheet HTML 11Page - Monolithic Power Systems MP9943 Datasheet HTML 12Page - Monolithic Power Systems MP9943 Datasheet HTML 13Page - Monolithic Power Systems MP9943 Datasheet HTML 14Page - Monolithic Power Systems MP9943 Datasheet HTML 15Page - Monolithic Power Systems MP9943 Datasheet HTML 16Page - Monolithic Power Systems MP9943 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP9943 – 36V, 3A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP9943 Rev.1.1
www.MonolithicPower.com
13
7/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Under-Voltage Lockout
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP9943 UVLO comparator monitors the
output voltage of the internal regulator, VCC. The
UVLO rising threshold is about 3.5V while its
falling threshold is 3.3V.
Internal Soft-Start
The soft-start prevents the converter output
voltage from overshooting during startup. When
the chip starts, the internal circuitry generates a
soft-start voltage (SS) that ramps up from 0V to
1.2V. When SS is lower than REF, SS overrides
REF so the error amplifier uses SS as the
reference. When SS exceeds REF, the error
amplifier uses REF as the reference. The SS
time is internally set to 1.5ms.
Over-Current Protection and Hiccup
The MP9943 has cycle-by-cycle over current limit
when the inductor current peak value exceeds
the set current limit threshold. If the output
voltage starts to drop until FB is below the Under-
Voltage (UV) threshold—typically 84% below the
reference—the MP9943 enters hiccup mode to
periodically restart the part. This protection mode
is especially useful when the output is dead-
shorted to ground. The average short-circuit
current is greatly reduced to alleviate the thermal
issue and to protect the regulator. The MP9943
exits the hiccup mode once the over-current
condition is removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds 170°C,
it shuts down the whole chip. When the
temperature drops below its lower threshold
(typically 140°C) the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor power the
floating-power-MOSFET
driver.
A
dedicated
internal regulator (see Figure 4) charges and
regulates the bootstrap capacitor voltage to ~5V.
When the voltage between the BST and SW
nodes drops below regulation, a PMOS pass
transistor connected from VIN to BST turns on.
The charging current path is from VIN, BST and
then to SW. The external circuit should provide
enough voltage headroom to facilitate charging.
As long as VIN is significantly higher than SW, the
bootstrap capacitor remains charged. When the
HS-FET is on, VIN ≈ VSW, so the bootstrap
capacitor can’t be charged. When the LS-FET is
on, VIN−VSW reaches its maximum for fast
charging. When there is no inductor current,
VSW=VOUT, so the difference between VIN and
VOUT can charge the bootstrap capacitor. The
floating driver has its own UVLO protection, with
a rising threshold of 2.2V and hysteresis of
150mV. A 20Ω resistor placed between SW and
BST cap is strongly recommended to reduce SW
spike voltage.
Figure 4: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and VEN/SYNC exceed their appropriate
thresholds, the chip starts: The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides stable supply for
the remaining circuitries.
Three events can shut down the chip: VEN/SYNC
low, VIN low, and thermal shutdown. In the
shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The COMP
voltage and the internal supply rail are then
pulled down. The floating driver is not subject to
this shutdown command.
Power Good
The MP9943 has power good (PG) output. The
PG pin is the open drain of a MOSFET. It should
be connected to VCC or some other voltage
source through a resistor (e.g. 100kΩ). In the
presence of an input voltage, the MOSFET turns
on so that the PG pin is pulled to low before SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com