Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ6411GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ6411GS
Description  Windowed Watchdog Timer AEC-Q100 Qualified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6411GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ6411GS Datasheet HTML 1Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 2Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 3Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 4Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 5Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 6Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 7Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 8Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MPQ6411
Windowed Watchdog Timer
AEC-Q100 Qualified
MPQ6411 Rev. 1.1
www.MonolithicPower.com
1
6/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ6411 is a windowed watchdog timer. It
is used to reset and monitor the microcontroller.
In normal operation, the MCU sends a trigger
signal to the MPQ6411 in a defined time
window cyclically. A missing or fault trigger
signal causes the watchdog to reset the MCU.
The MPQ6411 provides a reset signal (low-
level voltage) to the MCU during power-up or
under voltage. Its power supply (VCC) has 5V
and 3.3V options.
By setting MODE to high or low, the watchdog
operates in long window mode or short window
mode; the window is programmable.
The MPQ6411 is available in SOIC8 package.
FEATURES
Windowed Watchdog
Power-On Reset during Power-Up and
Under Voltage
Programmable Short Window Mode or
Long Window Mode
Watchdog Disable Function
Low Shutdown Mode Current
SOIC8 Package
Available in AEC-Q100 Grade 1
APPLICATIONS
Automotive Systems
Industrial Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPQ6411GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MPQ6400-AEC1 MPS-MPQ6400-AEC1 Datasheet
513Kb / 10P
Low Quiescent Current Programmable-Delay Supervisory Circuit Available in AEC-Q100
MPQ6400DG-33 MPS-MPQ6400DG-33 Datasheet
285Kb / 10P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MPQ6400DG-33 MPS-MPQ6400DG-33 Datasheet
513Kb / 10P
Low Quiescent Current Programmable-Delay Supervisory Circuit Available in AEC-Q100
MPQ6400DG-33-AEC1 MPS-MPQ6400DG-33-AEC1 Datasheet
285Kb / 10P
Low Quiescent Current Programmable-Delay Supervisory Circuit
More results

Similar Description - MPQ6411GS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
AEC-Q100 Qualified
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
Windowed Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com