Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-SP4T-63 Datasheet(PDF) 2 Page - Mini-Circuits

Part # USB-SP4T-63
Description  USB RF SP4T Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-SP4T-63 Datasheet(HTML) 2 Page - Mini-Circuits

  USB-SP4T-63 Datasheet HTML 1Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 2Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 3Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 4Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 5Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 6Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 7Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Features
• High speed switching (3 µsec typ)
• 1 to 6000 MHz SP4T absorptive RF switch
• High power handling, +27 dBm
• High linearity (IP3 54 dBm)
• USB power and control
• Easy installation and operation
• Programmable switching sequence
• Supports a wide range of programming environments (See
application note AN-49-001 for details)
Rev. B
M155200
EDR-11214/2
USB-SP4T-63
RAV
160224
50Ω
1 to 6000 MHz
USB RF SP4T Switch
USB-SP4T-63
Included Accessories
Model No.
Description
Qty.
MUSB-CBL-3+
2.6 ft USB cable
1
ESW-CD
Installation CD
1
Mini-Circuits RF Switch Control Program for USB Solid State RF Switch
RoHS Compliant
See our web site for RoHS Compliance
methodologies and qualifications
Case Style: NR1982
•
Installation CD
• See user guide for details on installing GUI or using the RF switch.
• For programming instructions of the switch matrix see programming guide and AN-49-001 on Mini-Circuits’ website
Applications
• R&D
• Automated Test equipment
• Controlling RF signal paths
Solid state



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com