Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH3862FS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BH3862FS
Description  3 wire serial sound control IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BH3862FS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BH3862FS Datasheet HTML 1Page - List of Unclassifed Manufacturers BH3862FS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings (Ta=25˚C)
Parameter
Symbol
Limits
Unit
Recommended Operating Conditions (Ta=25˚C)
Electrical Characteristics
Parameter
Symbol
Unit
Min.
Typ.
Max.
(Unless otherwise noted, Ta=25˚C, Vcc=5V, RL=10KΩ ,
Rg=0Ω , V IN=100mVrms, f=1KHz, Input terminals are A1 and A2.)
Bass boost gain 21dB
Treble boost gain 9dB
Channel separation
Selector separation
GB
GT
CTC
CTS
dB
dB
dB
22.5
10.5
–80
21
9
–108
19.5
7.5
—
Output level standard (Vo=80mVrms at 0dB)
VIN=1Vrms, Rg=0Ω
LINE maximum output voltage
LINE output distortion rate
Output noise voltage
Maximum attenuation
Vomax
THD
NO
ATTmax
Vrms
%
µVrms
dB
—
0.08
45
–85
1.1
0.02
12
–90
0.85
—
—
—
THD=1%
At REC gain18dB, BW=400~30KHz
Rg=0Ω
Output level standard (Vo=1Vrms at 0dB)
*
*
Current upon no signal
REC output voltage gain
REC output distortion rate
Total voltage gain
IQ
GVREC
THDREC
GV
mA
dB
%
dB
25
20
0.08
20
5
18
0.02
18
—
16
—
16
Rg=0Ω
At REC gain18dB
At REC gain18dB, BW=400~30KHz
At REC gain18dB
Conditions
Parameter
Symbol
Unit
Min.
Typ.
Max.
dB
–80
–108
—
VIN=1Vrms, Rg=0Ω
Output level standard (Vo=80mVrms at 0dB)
*
*
* VP-9690A (Average value detection, effective value display) IHF-A filter by Matsushita.
Application Circuit
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
VCC
Pd
Topr
Tstg
V
mW
˚C
˚C
Supply voltage
VCC
V
4.5
5.0
5.5
6.0
650
~
~
–40
85
125
*
* Derating : 6.5mW/˚C for operation above Ta=25˚C.
–55
+
+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com