Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2013 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2013
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2013 Datasheet HTML 1Page - Monolithic Power Systems MP2013 Datasheet HTML 2Page - Monolithic Power Systems MP2013 Datasheet HTML 3Page - Monolithic Power Systems MP2013 Datasheet HTML 4Page - Monolithic Power Systems MP2013 Datasheet HTML 5Page - Monolithic Power Systems MP2013 Datasheet HTML 6Page - Monolithic Power Systems MP2013 Datasheet HTML 7Page - Monolithic Power Systems MP2013 Datasheet HTML 8Page - Monolithic Power Systems MP2013 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP2013 - 40V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
ELECTRICAL CHARACTERISTICS (continued)
VOUT(NOM) = 5V (VIN
≥6V) or FB (V
IN<6V), IOUT = 1mA, COUT
= 1μF, T
J = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Startup Response Time
RLOAD
=500Ω,
COUT=6.8µF, VOUT = 5V
2.5
ms
Thermal Shutdown
(8)
TSD
150
165
°C
Thermal Shutdown
Hysteresis
(8)
ΔT
SD
20
°C
Notes:
6) Line Regulation=
IN(MAX )
IN(MIN )
OUT[ V
]
OUT[ V
]
IN(MAX)
IN(MIN)
OUT(NOM)
| V
V
|
(% / V)
(V
V
) V
−
×
−
×
7) Load Regulation=
OUT (MAX )
OUT (MIN )
OUT[I
]
OUT[I
]
OUT(MAX)
OUT(MIN)
OUT(NOM)
| V
V
|
(% / mA)
(I
I
) V
−
×
−×
8) Derived from bench characterization. Not tested in production.
MP2013 Rev. 1.0
www.MonolithicPower.com
4
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com