Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2013GG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2013GG
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013GG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2013GG Datasheet HTML 1Page - Monolithic Power Systems MP2013GG Datasheet HTML 2Page - Monolithic Power Systems MP2013GG Datasheet HTML 3Page - Monolithic Power Systems MP2013GG Datasheet HTML 4Page - Monolithic Power Systems MP2013GG Datasheet HTML 5Page - Monolithic Power Systems MP2013GG Datasheet HTML 6Page - Monolithic Power Systems MP2013GG Datasheet HTML 7Page - Monolithic Power Systems MP2013GG Datasheet HTML 8Page - Monolithic Power Systems MP2013GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP2013 - 40V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2013GJ
TSOT23-5
AFF
MP2013GG
QFN6 (2x2mm)
AX
MP2013GQ
QFN8 (3x3mm)
AFF
MP2013GQ-33
QFN8 (3x3mm)
AGG
* For Tape & Reel, add suffix –Z (e.g. MP2013GJ–Z);
PACKAGE REFERENCE
TSOT23-5
QFN6(2x2mm)
QFN8(3x3mm)
ABSOLUTE MAXIMUM RATINGS
(1)
IN1, IN2 ..................................... -0.3V to +42V
OUT............................................. -0.3V to +17V
FB ................................................ -0.3V to +6V
Lead Temperature ................................... 260
°C
Storage Temperature............... -65
°C to +150°C
Continuous Power Dissipation (TA = +25°C)
(2)
QFN8(3x3mm) .........................................2.08W
QFN6(2x2mm) .........................................1.25W
TSOT23-5................................................0.45W
ESD SUSCEPTIBILITY
(3)
HBM (Human Body Mode) ..........................2kV
MM (Machine Mode) ................................ 200V
Recommended Operating Conditions
(4)
Supply Voltage VIN .......................... 2.5V to 40V
Output Voltage VOUT ................... 1.215V to 15V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
TSOT23-5 ............................. 220 .... 110..
°C/W
QFN6(2x2mm) ....................... 80 ...... 16...
°C/W
QFN8(3x3mm) ....................... 48 ...... 11...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient th
ermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA
)/θ
JA.
Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Devices are ESD sensitive. Handling precaution
recommended.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.
MP2013 Rev. 1.0
www.MonolithicPower.com
2
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com