Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3221 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3221
Description  2.7A, 1.2MHz, High-Efficiency Step-Up Converter With Input Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3221 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3221 Datasheet HTML 6Page - Monolithic Power Systems MP3221 Datasheet HTML 7Page - Monolithic Power Systems MP3221 Datasheet HTML 8Page - Monolithic Power Systems MP3221 Datasheet HTML 9Page - Monolithic Power Systems MP3221 Datasheet HTML 10Page - Monolithic Power Systems MP3221 Datasheet HTML 11Page - Monolithic Power Systems MP3221 Datasheet HTML 12Page - Monolithic Power Systems MP3221 Datasheet HTML 13Page - Monolithic Power Systems MP3221 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP3221
–2.7A, 1.2MHZ, HIGH-EFFICIENCY STEP UP CONVERTER WITH INPUT DISCONNECT
MP3221 Rev. 1.0
www.MonolithicPower.com
12
9/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
should be greater than 1.5 times of the input
voltage.
The
maximum
current
through
the
power
MOSFET happens when the input voltage is
minimum and the output power is maximum.
The maximum Average current is the input
current. The ID(max) should be greater than 1.5
times the input current.
The on resistance of the MOSFET determines
the conduction loss. It is smaller, it is better.
The Qg of PMOS should be well designed to
avoid the triggering of SCP protection during
start-up. Since VGATE is pulled down with 115μA
through the Fault pin, the SCP function is
enabled after VGATE drops to VIN-1.8V. With
higher Qg, the time to pull VGATE from VIN to VIN-
1.8V is longer, and output voltage can be
charged to higher voltage. If Qg is low, VGATE will
be pulled down quickly, and feedback VFB is still
lower than 150mV when VGATE drops to VIN-1.8V,
then SCP function may be triggered and the
start-up will fail.
A 3.3nF cap between gate-to-source of PMOS is
recommended if VOUT can not rise up before
VFAULT drops to VIN -1.8V due to large output cap.
PCB Layout Considerations
Layout is important, especially for switching
power supplies with high switching frequencies;
poor layout results in reduced performance, EMI
problems,
resistive
loss,
and
even
system
instability. Following the rules below can help
ensure a stable layout design:
1. All components must be placed as close to
the IC as possible. Keep the path between L1,
D1, COUT, and IC-GND extremely short for
minimal noise and ringing.
2. CIN must be placed close to the IN pin for best
decoupling.
3. All feedback components must be kept close
to the FB pin to prevent noise injection on the
FB pin trace.
4. The ground return of CIN and COUT should be
tied close to the GND pin.
Top Layer
Via
Fault
Vin
FB
SW
GND
EN
MP 3221
Bottom Layer
Vout
GND
Vin
Q1
C1
D2
L1
D1
C2
R2
R1
Figure 2: Layout
Notes:
Refer to SCH on page 1.
Design example
Below
is
a
design
example
following
the
application guidelines for the following
Specifications:
Table 1: Design Example
VIN
2.5V-4.8V
VOUT
5V
FSW
1.2MHz
The typical application circuit for VOUT = 5V in
Figure
3
shows
the
detailed
application
schematic, and is the basis for the typical
performance and circuit waveforms. For more
detailed device applications, please refer to the
related Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com