Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28395 Datasheet(PDF) 21 Page - Synaptics Incorporated.

Part # CX28395
Description  Quad/x16/Octal-T1/E1/J1 Framers
PDF  305 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28395 Datasheet(HTML) 21 Page - Synaptics Incorporated.

Back Button CX28395 Datasheet HTML 17Page - Synaptics Incorporated. CX28395 Datasheet HTML 18Page - Synaptics Incorporated. CX28395 Datasheet HTML 19Page - Synaptics Incorporated. CX28395 Datasheet HTML 20Page - Synaptics Incorporated. CX28395 Datasheet HTML 21Page - Synaptics Incorporated. CX28395 Datasheet HTML 22Page - Synaptics Incorporated. CX28395 Datasheet HTML 23Page - Synaptics Incorporated. CX28395 Datasheet HTML 24Page - Synaptics Incorporated. CX28395 Datasheet HTML 25Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 305 page
background image
CX28394/28395/28398
1.0 Product Description
Quad/x16/Octal—T1/E1/J1 Framers
1.2 Pin Assignments
100054E
Conexant
1-3
1.2 Pin Assignments
The CX28394 is packaged in a 128-pin Quad Flat Pack (TQFP). The CX28395 is
packaged in a 318-pin Ball Grid Array (BGA) multi-chip module (MCM). The
CX28398 has two package alternatives: a 208-pin Quad Flat Pack (MQFP) and a
272-pin BGA. Pinout diagrams are provided in Figures 1-2 through 1-6 and
Tables 1-1 through 1-4 summarize pin assignments for system bus pins. Table 1-5
lists all other pin assignments.
Figures 1-7 through 1-12 illustrate the devices’ logic, and Table 1-6 defines
the hardware signals.
The following input pins contain an internal pullup resistor (>50 k
Ω) and may
remain unconnected if the active high input state is desired:
A[7:0]
Address lines unused in INTEL bus mode.
MOTO*
Pullup selects INTEL bus mode if unconnected.
SYNCMD
Pullup selects synchronous processor interface.
TDI (CX28394/28398)
JTAG unused if not connected.
TDI1, TDI2 (CX28395)
JTAG unused if not connected.
TMS
JTAG unused if not connected.
TCK
Disables JTAG if not connected.
TRST*
Disables JTAG reset if not connected.
RST*
Disables hardware reset if not connected.
SERDI
May be left unconnected if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com