Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # AMC
Description  Thick Film Automotive Grade Chips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AMC Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  AMC Datasheet HTML 1Page - Ohmite Mfg. Co. AMC Datasheet HTML 2Page - Ohmite Mfg. Co. AMC Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
13
AMC Series
Thick Film Automotive Grade Chips
Wave soldering footprint
Reflow soldering footprint
di M en S ion S
(mm)
B
A
D
C
Preferred
direction
during
wave
soldering
Size
L
W
H
l1
l2
0201
0.60 ±0.03 0.30 ±0.03 0.23 ±0.03 0.12 ±0.05 0.15 ±0.05
0402
1.00 ±0.05 0.50 ±0.05 0.35 ±0.05 0.20 ±0.10 0.25 ±0.10
0603
1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ±0.15 0.25 ±0.15
0805
2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20
1206
3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20
1210
3.10 ±0.10 2.60 ±0.15 0.50 ±0.10 0.45 ±0.15 0.50 ±0.20
2010
5.00 ±0.10 2.50 ±0.15 0.55 ±0.10 0.45 ±0.15 0.50 ±0.20
2512
6.35 ±0.10 3.10 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20
Size
A
B
C
D
0201 1.0 0.3 0.35
0.4
0402 1.5 0.5 0.5
0.6
0603 2.6 0.8 0.9
0.8
0805 3.0 1.2 0.9
1.2
1206 4.2 2 .2 1.0
1.5
1210 4.2 2.2 1.0
2.4
2010 6.1 3.3 1.4
2.4
2512 8.0 4.4 1.8
3.0
Size
A
B
C
D
0603 2.70 0.90 0.90 0.80
0805 3.30 1.30 1.00 1.30
1206 4.70 2.50 1.10 1.70
1210 4.70 2.50 1.10 2.50
2010 6.40 4.20 1.10 2.50
2512 8.20 5.50 1.35 3.20
Note: Wave soldering not rec-
ommended for parts smaller
than 0603.
l1
l2
perfor MA n C e d AtA
Test Method
Procedure
Requirements
Temp. Coeff.
of Res.
MIL-STD-202 Method
304
At +25/–55°C and +25/+125°C
High
Temperature
Exposure
AEC-Q200 Test 3
MIL-STD-202 Method
108
1,000 hours at TA = 155°C, unpowered
±(1.0%+0.05Ω) for D/F tol
±(2.0%+0.05Ω) for J tol
Moisture
Resistance
AEC-Q200 Test 6
MIL-STD-202 Method
106
Each temperature / humidity cycle is defined at 8 hours (method 106F),
3 cycles / 24 hours for 10d. with 25°C / 65°C 95% R.H, without steps 7a
& 7b, unpowered. Parts mounted on test-boards, without condensation
on parts
±(0.5%+0.05Ω) for D/F tol
±(2.0%+0.05Ω) for J tol
Biased
Humidity
AEC-Q200 Test 7
MIL-STD-202 Method
103
1,000 hours; 85°C / 85% RH 10% of operating power
Measurement at 24±4 hours after test conclusion.
±(1.0%+0.05Ω) for D/F tol
±(3.0%+0.05Ω) for J tol
Operational
Life
AEC-Q200 Test 8
MIL-STD-202 Method
108
1,000 hours at 125°C, derated voltage applied for 1.5 hours on, 0.5 hour
off, still-air required
±(1.0%+0.05Ω) for D/F tol
±(3.0%+0.05Ω) for J tol
Resistance
to Soldering
Heat
AEC-Q200 Test 15
MIL-STD-202 Method
210
Condition B, no pre-heat of samples
Lead-free solder, 260±5°C, 10±1 seconds immersion time
Procedure 2 for SMD: devices fluxed and cleaned with isopropanol
±(0.5%+0.05Ω) for D/F tol
±(1.0%+0.05Ω) for J tol
No visible damage
Thermal
Shock
AEC-Q200 Test 16
MIL-STD-202 Method
107
-55/+125°C
Number of cycles is 300. Devices mounted
Maximum transfer time is 20 seconds. Dwell time is 15 minutes. Air – Air
±(0.5%+0.05Ω) for D/F tol
±(1.0%+0.05Ω) for J tol
ESD
AEC-Q200 Test 17
AEC-Q200-002
Human Body Model, 1 pos. + 1 neg. discharges. 0201: 500V;
0402/0603: 1KV; 0805 and above: 2KV
±(3.0%+0.05 Ω)
Solderability
Wetting
AEC-Q200 Test 18
J-STD-002
Electrical Test not required Magnification 50X. SMD conditions: (a)
Method B, aging 4 hours at 155°C dry heat, dipping at 235±3°C for
5±0.5 seconds. (b) Method B, steam aging 8 hours, dipping at 215±3°C
for 5±0.5 seconds. (c) Method D, steam aging 8 hours, dipping at
260±3°C for 7±0.5 seconds.
Well tinned (≥95% covered)
No visible damage
Board Flex
AEC-Q200 Test 21
AEC-Q200-005
Chips mounted on a 90mm glass epoxy resin PCB (FR4)
Bending for 0201/0402: 5 mm 0603/0805: 3 mm 1206 and above: 2 mm
Holding time: minimum 60 seconds
±(1.0%+0.05Ω)
Short Time
Overload
IEC60115-1 4.13
2.5 times of rated voltage or maximum overload voltage whichever is
less for 5 sec at room temperature
±(1.0%+0.05Ω) for D/F tol
±(2.0%+0.05Ω) for J tol
FOS
ASTM-B-809-95
Sulfur (saturated vapor) 500 hours, 60±2℃, unpowered
±(1.0%+0.05Ω)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com