Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76021-R171 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 76021-R171
Description  High Current Round Edgewound
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

76021-R171 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  76021-R171 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
107
characteristics
dimensions
series s P eci F ications
14984 series
High Current Round Edgewound
These high current round edgewound resistors han-
dle a variety of applications including dynamic brak-
ing, load banks, motor starting, and plugging. They
are available in a variety of ohm and current ratings
common to transit use.
A sturdy welded steel frame supports the refrac-
tory insulators. The frame is finished with a zinc
chromate conversion for corrosion resistance. The
ceramic insulators separate turns of the resistance
Current Rating
Continuous current ratings are based on a maximum tem-
perature rise of 375°C as specified by NEMA Industrial
Control Standards for bare element resistors.
Wattage Rating
Can be found from I2R.
Resistance
Tolerance
±10%
Special Engineering
Services
Available for ohmic values other than those listed, mount-
ings, other terminal styles, all stainless frame and terminal
construction.
Ordering Information
Order using the Ward Leonard part number from the table.
Ohmite
Continuous
Ward Leonard
Westinghouse
Part Number
Amps
Ohms
Watts
Part Number
Style Number
76021-R118
160
0.118
3021
14984-10-01
1796207
76021-R157
140
0.157
3077
14984-10-03
1796206
76021-R171
130
0.171
2889
14984-10-04
31D2615A05
76021-R285
100
0.285
2850
14984-10-07
31D2614A03
16.75"
14.9"
ø 5" max.
elements from each other and the frame. The resis-
tance element is a stainless steel strip, used for
its corrosion resistance, negligible temperature
coefficient, and Ohms per foot vs. current carrying
capacity. The resistance element is created by edge-
winding a stainless strip into a continuous coil of the
proper length. Zinc plated terminals welded to the
resistance element complete the assembly.
Contact us with your specific needs.


Similar Part No. - 76021-R171

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
76021-R171 OHMITE-76021-R171 Datasheet
57Kb / 1P
High Current Round Edgewound
76021-R171 OHMITE-76021-R171 Datasheet
128Kb / 1P
Available for ohmic values other than those listed
More results

Similar Description - 76021-R171

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
76021-R118 OHMITE-76021-R118 Datasheet
57Kb / 1P
High Current Round Edgewound
PFE2KR100E OHMITE-PFE2KR100E Datasheet
120Kb / 2P
Powr-Rib Edgewound Edgewound and Round Wire
PFE OHMITE-PFE Datasheet
337Kb / 2P
Edgewound and Round Wire
WLRD6G OHMITE-WLRD6G Datasheet
107Kb / 1P
High Current Oval Edgewound
HCLB OHMITE-HCLB Datasheet
388Kb / 2P
High Current Oval Edgewound
logo
Vishay Siliconix
EDGF VISHAY-EDGF Datasheet
178Kb / 6P
Edgewound Power Resistor
01-Mar-15
logo
Wurth Elektronik GmbH &...
7443762504100 WURTH-7443762504100 Datasheet
572Kb / 9P
WE-HCFT Round THT High Current Inductor
001.000
7443762504022 WURTH-7443762504022 Datasheet
571Kb / 9P
WE-HCFT Round THT High Current Inductor
001.000
7443762504047 WURTH-7443762504047 Datasheet
571Kb / 9P
WE-HCFT Round THT High Current Inductor
001.000
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com