Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOHM Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # AXIOHM
Description  Centohm Coated Axial Terminal Wirewound
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AXIOHM Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  AXIOHM Datasheet HTML 1Page - Ohmite Mfg. Co. AXIOHM Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
92
Wattage Coating
"C" for
Centohm
Example:
Std 3 watt,
10K ± 5% = 3CJ10K
Non-Inductive
Option
(Add N)
Tolerance
J = 5% (standard)
H = 3%
F = 1%
D = .5%
Q = .25%
B = .1%
Resistance ( )
use "K" for 1000
multiplier; use "R"
for decimal point
E = RoHS compliant
Watt
C
D max.
Rating
A
B
Wire Gauge
clean term. to clean
Form
±.063”/±1.60mm
±.031”/0.79mm
(dia.)
term. in./mm
1C
0.313±.031 / 7.95±.79
0.094 / 2.39
#24 (.020”)
0.406 / 10.31
2C
0.375 / 9.53
0.219 / 5.56
#20 (.032”)
0.469 / 11.91
3C
0.5 / 12.7
0.219 / 5.56
#20 (.032”)
0.594 / 15.09
4C
0.688 / 17.48
0.219 / 5.56
#20 (.032”)
0.813 / 20.65
5C
0.938 / 23.83
0.219 / 5.56
#20 (.032”)
1.063 / 27.00
7C
1 / 25.4
0.313 / 7.95
#20 (.032”)
1.125 / 28.58
10C
1.563 / 39.7
0.313 / 7.95
#20 (.032”)
1.688 / 42.67
A
B
1.5 in. / 38.1mm
C
D
Test Maximum
Temperature Coefficient ±30ppm/°C above 10Ω
±100ppm/°C 1 to 10Ω
±200ppm/°C below 1Ω
Thermal Shock ± (2% + .05Ω)∆R
Short Time Overload ± (2% + .05Ω)∆R
Dielectric ± (0.1% + .05Ω)∆R
Low Temperature Storage ± (2% + .05Ω)∆R
High Temperature Exposure ± (2% + .05Ω)∆R
Moisture Resistance ± (2% + .05Ω)∆R
Shock ± (2% + .05Ω)∆R
Vibration ± (2% + .05Ω)∆R
Load Life ± (3% + .05Ω)∆R
Terminal Strength ± (1% + .05Ω)∆R
Dimensi O ns
(in./mm)
O r D erin G in FO rm Ati O n
p er FO rm A nce DAtA
Axiohm
Centohm Coated
Axial Terminal Wirewound
∆R values are maximums based on
MIL-R-26 testing requirements at
350°C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com