Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BASERIES Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # BASERIES
Description  Aluminum Cased Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

BASERIES Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  BASERIES Datasheet HTML 1Page - Ohmite Mfg. Co. BASERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
129
D i M en S ion S
BA Series
Aluminum Cased Resistor
or D erin G in F or MAtion
L1
H
L
ø0.24" / 6.2mm
W
2.80"
71mm
3.15 ~ 3.31"
80 ~ 84mm
Ø 0.166"
BB1 style
BA1 style
4.33"
110mm
BB2 style
BA2 style
Ø 0.166"
W
L1
L
H
5.49"
139.5mm
5.49"
139.5mm
3.43"
87.1mm
ø 0.23" / 5.8mm (M5 X0.8)
W
1.61"
40.9mm
1.34"
34mm
L
12ga., 600v
L1
H
Ø 0.196"
BB3 style
BA3 style
BA C 1160100RK N E
Series
B = block
aluminum
Length
(mm)
Termination
A = wire leads
B = solid terminals
Tolerance
K = ±10%
Resistance
RoHS
Compliant
Thermal switch
C = 160°
B = 250°
Form
1 = extrusion
Non-inductive
BA1 and BB1
BA2 and BB2
BA3 and BB3
Type
L*
L1
W
H
BA1 6.3" / 160mm
10" / 254mm
4.92" / 95mm 1.18" / 30mm
BB1 6.3" / 160mm
4.92" / 95mm 1.18" / 30mm
BA2 12.6" / 320mm 31.5" / 800mm 3.94" / 100mm 1.18" / 30mm
BB2 12.6" / 320mm
3.94" / 100mm 1.18" / 30mm
BA3 10.5" / 266mm 12" / 304.8mm
5" / 127mm 2.13" / 54.1mm
BB3 10.5" / 266mm
5" / 127mm 2.13" / 54.1mm
* Custom Lengths for Different Wattages
Standard part numbers
BAB1160R500KE
BAB11601R00KE
BAB11602R00KE
BAB116010R0KE
BAB116025R0KE
BAB232010R0KE
BAB232025R0KE
BAB232050R0KE
BAB32666R00KE
BAB326610R0KE
BAB326615R0KE
BAB326622R0KE
BAB326650R0KE
rev 10/17-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com