Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # CS3
Description  Wire Element Four Terminal Precision Current Sense
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

CS3 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  CS3 Datasheet HTML 1Page - Ohmite Mfg. Co. CS3 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
41
CS3 Series
Wire Element Four Terminal
Precision Current Sense
Terminal Material Kelvin Terminals; 97% Sn / 3% Ag solder over copper
Encapsulation Polyester over resistance element
Standard Resistance
Values
1 mΩ - 50 mΩ
Resistance
Tolerances
1%, 2%, 5%
Temperature
Coefficient
TC referenced to 25°C, ∆R taken at -15°C and +105°C,
60ppm/°C
Power Rating 3W at 70°C max. 40Amp permanent
Operating Temp. -55°C to 150°C
Storage Temp. -40°C to 85°C
100
Ambient Temperature, ϒC
60
20
0
050
100
25
75
125
80
40
70
150
Load Life (1,000 hours at rated power at 70°C) ∆R 0.2% max.
Moisture Resistance (Mil-Std-202, Method 106, Cond. A)
∆R 0.2% max.
Thermal Shock (Mil-Std-202, Method 107)
∆R 0.2% max.
Derating
C
SS
C
C
= current
S
= sense voltage
The CS3 Series utilizes state of the art technology to
achieve highly reliable non-inductive performance.
The CS3 is ideal for current monitoring and control
applications.
Fea ture S
•Valuesbeginningat1miliohm
•NonInductiveDesign
•FourterminalKelvinconnection
Internal Circuit
Chara C teri S ti CS
Per F orman C e data
(continued)


Similar Part No. - CS3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS3 COOPER-CS3 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
CS3-02DO2 ETC1-CS3-02DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS3-04DO2 ETC1-CS3-04DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS3-06DO2 ETC1-CS3-06DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS3-07DO2 ETC1-CS3-07DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
More results

Similar Description - CS3

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
12FR005 OHMITE-12FR005 Datasheet
139Kb / 1P
Axial Wire Element Current Sense
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
Wire Element Four Terminal Precision Current Sense
LVK12R005DER OHMITE-LVK12R005DER Datasheet
224Kb / 1P
Four Terminal High Precision Current Sense
13FR025E OHMITE-13FR025E Datasheet
144Kb / 1P
Axial Wire Element Current Sense
LVK12R050DER OHMITE-LVK12R050DER Datasheet
224Kb / 1P
Four Terminal High Precision Current Sense
LVK20R050DER OHMITE-LVK20R050DER Datasheet
267Kb / 2P
Four Terminal High Precision Current Sense
logo
List of Unclassifed Man...
12FR050E ETC2-12FR050E Datasheet
143Kb / 1P
Axial Wire Element Current Sense
logo
Ohmite Mfg. Co.
LVK OHMITE-LVK Datasheet
434Kb / 3P
Four Terminal High Precision Current Sense
10SERIES OHMITE-10SERIES Datasheet
427Kb / 2P
Axial Wire Element Current Sense Two Terminal Axial
LVK OHMITE-LVK_18 Datasheet
485Kb / 3P
Four Terminal High Precision Current Sense
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com