Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F10C15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F10C15
Description  Switchmode Dual Fast Recovery Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

F10C15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F10C15 Datasheet HTML 1Page - List of Unclassifed Manufacturers F10C15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
F10C05 Thru F10C20
Switchmode
Dual Fast Recovery Power Rectifiers
Designed for use in switching power supplies. inverters and as free
wheeling diodes. These state-of-the-art devices have the following features:
*Glass Passivated chip junctions
*Low Reverse Leakage Current
*Fast Switching for High Efficiency
*150℃ Operating Junction Temperature
*Low Stored Charge Majority Carrier Conduction
*Low Forward Voltage , High Current Capability
*Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
MAXIMUM RATINGS
F10C
Characteristic
Symbol
05
10
15
20
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
V
Average Rectifier Forward Current
Per Leg
TC=125℃
Per Total Device
IF(AV)
5.0
10
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
10
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
100
A
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +125
℃
ELECTRIAL CHARACTERISTICS
F10C
Characteristic
Symbol
05
10
15
20
Unit
Maximum Instantaneous Forward Voltage
( IF =5 Amp TC = 25℃)
VF
1.30
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
5.0
100
uA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
150
ns
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
55
PF
FAST RECOVERY
RECTIFIERS
10 AMPERES
50-200 VOLTS
TO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90


Similar Part No. - F10C15

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F10C15 MOSPEC-F10C15 Datasheet
220Kb / 2P
Glass Passivated chip junctions
More results

Similar Description - F10C15

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F20C20 MOSPEC-F20C20 Datasheet
189Kb / 2P
Switchmode Dual Fast Recovery Power Rectifiers
FRF0605 MOSPEC-FRF0605 Datasheet
68Kb / 3P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF0630 MOSPEC-FRF0630 Datasheet
68Kb / 2P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1005 MOSPEC-FRF1005 Datasheet
62Kb / 3P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1030 MOSPEC-FRF1030 Datasheet
67Kb / 2P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1205 MOSPEC-FRF1205 Datasheet
62Kb / 3P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1230 MOSPEC-FRF1230 Datasheet
66Kb / 2P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1605 MOSPEC-FRF1605 Datasheet
76Kb / 2P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1630 MOSPEC-FRF1630 Datasheet
67Kb / 3P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
logo
Thinki Semiconductor Co...
F20C05 THINKISEMI-F20C05 Datasheet
367Kb / 2P
Switchmode Dual Fast Recovery Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com