Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3428GL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3428GL
Description  17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428GL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3428GL Datasheet HTML 9Page - Monolithic Power Systems MP3428GL Datasheet HTML 10Page - Monolithic Power Systems MP3428GL Datasheet HTML 11Page - Monolithic Power Systems MP3428GL Datasheet HTML 12Page - Monolithic Power Systems MP3428GL Datasheet HTML 13Page - Monolithic Power Systems MP3428GL Datasheet HTML 14Page - Monolithic Power Systems MP3428GL Datasheet HTML 15Page - Monolithic Power Systems MP3428GL Datasheet HTML 16Page - Monolithic Power Systems MP3428GL Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP3428 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MPS CONFIDENTIAL AND PROPRIETARY INFORMATION– INTERNAL USE ONLY
MP3428 Rev. 1.0
www.MonolithicPower.com
13
12/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
mode. If the sampled current signal rises to
100mV
(within
the
1.1ms
blank
time),
immediately the MP3428 operates in hiccup
mode.
The MP3428 starts switching in internal current-
sense mode after it detects 0V on MODE. In
external current-sense mode, MP3428 detects
MODE voltage and starts switching (after
MODE is higher than Vin + 2V). In over-current
or hiccup mode, MODE is pulled low. If the
average current limit is triggered before
switching, MP3428 may not start switching
because MODE is regulated to low in an
overload condition.
If the peak-inductor current is higher than 6A,
an
external
current-sensing
resistor
is
recommended. Do NOT change the sensing
configuration when MP3428 is in operation.
Light-Load Operation
To optimize efficiency at light load, MP3428
employs a pulse-skipping mechanism and
foldback frequency. When the load becomes
lighter, the COMP voltage decreases, causing
the MP3428 to enter foldback operation (the
lighter the load, the lower the frequency).
However, if the load becomes exceedingly low,
MP3428 enters PSM. PSM operation is
optimized so that only one SW pulse is
launched every burst cycle; therefore the output
ripple is very low.
Enable (EN) and Programmable UVLO
EN enables and disables the MP3428. When
applying voltage higher than the EN higher
threshold (1V, typically), MP3428 starts up
some of the internal circuits (micro-power
mode). If EN voltage exceeds the turn-on
threshold (1.33V), the MP3428 enables all
functions and starts boost operation. Boost
operation is disabled when EN voltage falls
below
its
lower
threshold
(1.33V).
To
completely shut down the MP3428, <0.4V low-
level voltage is required on EN. After shutdown,
MP3428 sinks a current from input power (less
than 1uA, typically).
The maximum recommended voltage on EN is
5.5V. If the EN control signal comes from a
voltage higher than 5.5V, a resistor should be
added between EN and the control source. An
internal Zener diode on EN clamps the EN
voltage to prevent runaway. Ensure the Zener
clamped current flowing into EN is less than
0.3mA.
Meanwhile, EN can program Vin’s UVLO (see
“Applications\UVLO Hysteresis” section).
Thermal Shutdown (TSD)
To prevent thermal damage, the device has an
internal
temperature
monitor.
If
the
die
temperature exceeds 150°C, the converter
shuts down. Once the temperature drops below
125°C, the power supply resumes operation
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com