Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3429GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3429GL
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3429GL Datasheet HTML 12Page - Monolithic Power Systems MP3429GL Datasheet HTML 13Page - Monolithic Power Systems MP3429GL Datasheet HTML 14Page - Monolithic Power Systems MP3429GL Datasheet HTML 15Page - Monolithic Power Systems MP3429GL Datasheet HTML 16Page - Monolithic Power Systems MP3429GL Datasheet HTML 17Page - Monolithic Power Systems MP3429GL Datasheet HTML 18Page - Monolithic Power Systems MP3429GL Datasheet HTML 19Page - Monolithic Power Systems MP3429GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
16
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
it forces the LS-FET on. This limits the
frequency, avoiding audible frequency in light-
load or no-load condition.
USM may convert more energy to the output
than the required load due to the minimum
23kHz frequency, which causes VOUT to rise
above the normal voltage setting. When VOUT
rises and VCOMP drops, the inductor peak current
may drop as well. If VCOMP drops below one
internal clamped level, the HS-FET zero-current
detection (ZCD) threshold is regulated to one
negative level gradually, so the energy in the
inductor can flow back to VIN in each cycle. This
keeps the output at the setting voltage with a
>23kHz frequency. The MP3429 also works with
a 600kHz frequency if VCOMP rises again.
USM has the same efficiency as in PSM if the
frequency is higher than the typical 33kHz. USM
has more power loss than PSM if the frequency
is clamped at the typical 33kHz, but USM does
not introduce audible noise caused by the group
pulse in PSM.
Minimum On Time and Minimum Off Time
The MP3429 blanks the LS-FET on state with
80ns in each cycle to enhance noise immunity.
This 80ns minimum on time restricts applications
with a high VIN/VOUT ratio. The MP3429 also
blanks the LS-FET off state with a minimum off
time in each cycle. During the minimum off time,
the LS-FET cannot turn on, and the minimum off
time is short enough to convert the 0.8V input to
16V.
LS-FET and HS-FET Maximum On Time
If the inductor current cannot trigger VCOMP with
an on time of 7.5µs, the MP3429 shuts down the
LS-FET. After the LS-FET is shut down, the
inductor current goes through the HS-FET and
charges VOUT in the off-time period. This helps
refresh VOUT with a minimum frequency of
about 133kHz in heavy-load transient conditions.
During CCM condition, the HS-FET on time is
limited below 8µs. This helps limit the maximum
LS-FET off time when VOUT is close to VIN in
USM. In USM or heavy-load PSM, if VIN is too
close to VOUT, the HS-FET may be turned off by
the 8µs HS-FET maximum on time because the
inductor current cannot ramp down within this
8µs limit. After the HS-FET turns off, the LS-FET
turns on immediately with one pulse control by
VCOMP, and the HS-FET turn on again. This
makes the LS-FET work in a quasi-constant
minimum duty cycle. If VIN is high enough,
VOUT is higher than the setting voltage with this
duty cycle ratio. In PSM and light load, the IC
works with normal PSM logic. The IC stops
working when VOUT is higher than the setting
voltage and resumes switching when VOUT drops
below the setting voltage.
VDD Power
The MP3429 internal circuit is powered by VDD.
A ceramic capacitor no less than 4.7
μF is
required on VDD. When VIN is lower than 3.4V,
VDD is powered from the higher value of either
VIN or VOUT. This allows the MP3429 to
maintain a low RDS(ON) and high efficiency, even
with a low input voltage. When VIN is higher than
3.4V, VDD is always powered by VIN. This
decreases the VOUT to VDD regulator loss,
because VOUT is always higher than VIN.
If VDD is powered by an external supply, and the
voltage is higher than 3.4V, the regulators from
VIN and VOUT are disabled. In this condition,
the MP3429 starts once the external VDD power
supply is higher than VDDUVLO, even if VIN is as
low as 0.9V. When VDD is powered by the
external power supply, the MP3429 continues
working, even if both VIN and VOUT are
dropping but are higher than 0.8V. The external
VDD power source should be limited within 3.6V.
There is a reverse-blocking circuit to limit the
current flowing between VIN and VOUT. If the
external VDD power is higher than the VDD
regulation voltage, the current is supplied from
the external power, and there is no path for the
current from VDD to VIN or from VDD to VOUT.
VDD is charged when VIN is higher than about
0.9V and EN is higher than the micro-power
threshold. If EN is low, VDD is disconnected from
VIN and VOUT. Supply VIN with a power source
higher than 2.7V during VIN start-up to provide
enough VDD power voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com