Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8124 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8124
Description  500mA LNB Power Supply and Control Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8124 Datasheet HTML 13Page - Monolithic Power Systems MP8124 Datasheet HTML 14Page - Monolithic Power Systems MP8124 Datasheet HTML 15Page - Monolithic Power Systems MP8124 Datasheet HTML 16Page - Monolithic Power Systems MP8124 Datasheet HTML 17Page - Monolithic Power Systems MP8124 Datasheet HTML 18Page - Monolithic Power Systems MP8124 Datasheet HTML 19Page - Monolithic Power Systems MP8124 Datasheet HTML 20Page - Monolithic Power Systems MP8124 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP8124 – 500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
MP8124 Rev. 1.0
www.MonolithicPower.com
17
11/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
The input capacitor (C1) is used to maintain the
DC input voltage. Low ESR ceramic capacitors
with 10μF X7R dielectrics are recommended.
The input voltage ripple can be estimated with
Equation (2):
IN
IN
IN
2
sOUT
VV
V1
8f L C1
V
⎛⎞
Δ=
⋅ −
⎜⎟
⋅⋅
⎝⎠
(2)
Where fS is the boost switching frequency and L
is the boost inductor value.
Setting the Boost Output Capacitor
The output current to the boost converter is
discontinuous, and therefore requires an output
capacitor (C2) to supply AC current to the load.
For best performance, low ESR capacitors are
recommended. The output voltage ripple can be
estimated with Equation (3):
OUT
IN
OUT
sL
OUT
V
V
V1
fR C2
V
⎛⎞
Δ=
⋅ −
⎜⎟
⋅⋅
⎝⎠
(3)
Where RL is the value of the load resistor.
Ceramic capacitors with X7R dielectrics are
highly recommended because of their low ESR
and small temperature coefficients. Typically,
two-piece 10μF X7R ceramic capacitors are
recommended. Place one close to the boost
switching loop and the other close to the LDO
input.
Tantalum or low ESR electrolytic capacitors are
also sufficient for the boost output. In this
condition, it is recommended to place two small
ceramic capacitors (0.1µF or higher) close to
both the boost-switching loop output and the
LDO input. When using electrolytic capacitors,
ESRs that are too high may introduce more
voltage ripple on the boost output. Additional
filters may be necessary to minimize the ripple.
Selecting the Inductor of the Boost Converter
An inductor is required to transfer the energy
between the input source and the boost output
capacitors. An inductor with a larger value results
in less ripple current and a lower peak inductor
current, and therefore it reduces the stress on the
power MOSFET. However, the larger value
inductor has a larger physical size, a higher
series resistance, and a lower saturation current.
For most designs, the inductance value can be
calculated with Equation (4):
IN
OUT
IN
sOUT
L
V(V
V )
L
fV
I
−
=
⋅⋅ Δ
(4)
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately
30%~50%
of
the
maximum
inductor peak current. Typically, a 10μH inductor
is recommended. Ensure that the inductor does
not saturate under a worst-case load transient
condition. The inductor should have a low series
resistance (DCR) to reduce the resistive power
loss.
Selecting the Rectifier Diode of the Boost
Converter
The high switching frequency demands high-
speed
rectifiers.
Schottky
diodes
are
recommended for most applications because of
their fast recovery times and low forward voltage.
Typically, a 2A or 3A high efficiency Schottky
diode is recommended for the boost converter;
the diode voltage rating should be higher than
the output voltage. A higher rating may be
needed based on other protections, such as
surge protection.
LDO Output Capacitor and Diode
To permit transport of the 22kHz tone signal, a
0.1μF output capacitor is recommended for the
LDO regulator. A capacitance that is too high
may affect the 22kHz signal shape, and a
capacitance that is too low may lead to LDO
instability.
For the OCP or SCP conditions on the far end of
the bus line (cable), the MP8124 shuts down for
protection, and VOUT may drop to a negative
voltage due to the long cable parasitic inductance.
One low-voltage drop Schottky diode (i.e.,
1N5819 or better) placed between VOUT and
GND is recommended to clamp the negative
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com