Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8758
Description  High Efficiency, 10A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8758 Datasheet HTML 1Page - Monolithic Power Systems MP8758 Datasheet HTML 2Page - Monolithic Power Systems MP8758 Datasheet HTML 3Page - Monolithic Power Systems MP8758 Datasheet HTML 4Page - Monolithic Power Systems MP8758 Datasheet HTML 5Page - Monolithic Power Systems MP8758 Datasheet HTML 6Page - Monolithic Power Systems MP8758 Datasheet HTML 7Page - Monolithic Power Systems MP8758 Datasheet HTML 8Page - Monolithic Power Systems MP8758 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MP8758–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758 Rev. 1.0
www.MonolithicPower.com
2
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP8758GL
QFN-21 (3mmx4mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MP8758GL-Z)
TOP MARKING
MP: MPS prefix;
Y: year code;
W: week code:
8758: first four digits of the part number;
LLL: lot number;
PACKAGE REFERENCE
TOP VIEW
6
58
9
PGND
10
3
2
SW
SW
17
18
16
14
NC
EN
PGND
11
AGND
FB
NC
NC
VOUT
VOUT
NC
VCC
13
PG
4
1
BST
VIN
12
15
7
GND
EXPOSED PAD
ON BACKSIDE
19
VIN
20
PGND
21
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com