Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9801CCV Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCV
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCV Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM9801CCV Datasheet HTML 17Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 18Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 19Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 20Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 21Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 22Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 23Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 24Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Applications Information (Continued)
The Configuration Register is programmed by sending a
control byte to the serial port This byte indicates whether
this is a read or a write operation and gives the 3-bit ad-
dress of the register bank to be read from or written to If
this is a read operation the next 8 SCLKs will output the
data at the requested location on the SDO pin If this is a
write operation the data to be sent to the specified location
should be clocked in on the SDI input during the next 8
SCLKs Data is sent and received using the LSB (Least Sig-
nificant Bit) first format
For maximum system reliability each configuration register
location can be read back and verified after a write
If the serial IO to the configuration register falls out of sync
for any reason it can be reset by sending 8 or more SCLKs
with CS held high
22 Writing Correction Coefficient Data on the
CD0 – CD7 Bus
Correction coefficient data for each pixel is latched on the
rising edge of the CCLK output signal (see Diagram 10)
Note that there is a 3 pixel latency between when the coeffi-
cient data is latched and when the output data is available
As Diagram 2
Pixel Pipeline Timing Overview shows coeffi-
cient data for pixel n is latched shortly before the output
data for pixel n-2 becomes available on the output databus
(DD0 – DD7) Note that there is no way to provide a correc-
tion coefficient for pixel 1 the first pixel in the CCD array
This is not a problem since the first several pixels of the
CCD are used for clamping
23 Reading Output Data on the DD0 – DD7 Bus
The corrected digital output data representing each pixel is
available on the DD0 – DD7 databus The data is valid after
the falling edge of the EOC output The RD input takes the
databus in and out of TRI-STATE RD can be held low at all
times if there are no other devices needing the bus or it can
be used to TRI-STATE the bus between pixels allowing oth-
er devices access to the bus Diagram 12
Data Timing (Out-
put and Coefficient Data Sharing Same Bus) shows how
EOC can be tied to RD to automatically multiplex between
coefficient data and conversion data
24 MCLK
This is the master clock input that controls the LM9801 The
pixel conversion rate is fixed at 18 of this frequency Many
of the timing parameters are also relative to the frequency
of this clock
25 SYNC
This input signals the beginning of a line When SYNC goes
high the LM9801 generates a TR pulse then begins con-
verting pixels until the SYNC line is brought low again Since
there is no pixel counter in the LM9801 it will work with
CCDs of any length
30 DIGITAL CCD INTERFACE
31 Buffering w1 w2 RS and TR
The LM9801 can drive the w1 w2 RS and TR inputs of
many CCDs directly without the need for external buffers
between the LM9801 and the CCD Most linear CCDs de-
signed for scanner applications require 0V to 5V signal
swings into 20 pF to 500 pF input loading Series resistors
are typically inserted between the driver and the CCD to
control slew rate and isolate the driver from the large load
capacitances The values of these resistors are usually giv-
en in the CCD’s datasheet
40 ANALOG INTERFACE
41 Voltage Reference
The two REF IN pins should be connected to a
1225V g2% reference voltage capable of sinking between
2 mA and 5 mA of current coming from the 500X – 1400X
resistor string between REF OUTHI and REF IN The
LM4041-12 1225V bandgap reference is recommended for
this application as shown in
Figure 2 The inexpensive ‘‘E’’
grade meets all the requirements of the application and is
available in a TO-92 (LM4041EIZ-12) package as well as a
SOT-23 package (LM4041EIM3-12) to minimize board
space
Due to the transient currents generated by the LM9801’s
ADC PGA and CDS circuitry the REF IN pins the REF
OUTMID pin and the REF OUTHI pin should all be bypassed
to AGND with 01 mF monolithic capacitors
TLH12814-29
FIGURE 2 Voltage Reference Generation
42 Clamp Capacitor Selection
This section is very long because it is relatively complicated
to explain but the answer is short and simple A clamp ca-
pacitor value of 001 mF should work in almost all applica-
tions The rest of this section describes exactly how this
value is selected
TLH12814 – 30
FIGURE 3 OS Clamp Capacitor and Internal Clamp
The output signal of many CCDs rides on a large DC offset
(typically 8V to 10V) which is incompatible with the
LM9801’s 5V operation To eliminate this offset without re-
sorting to additional higher voltage components the output
http
www nationalcom
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com