Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLLD3100AMHT6 Datasheet(PDF) 1 Page - Kemet Corporation

Part # FLLD3100AMHT6
Description  EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 100 A, 240x90x150mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLD3100AMHT6 Datasheet(HTML) 1 Page - Kemet Corporation

  FLLD3100AMHT6 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 1fa0e77f-e901-4304-85c5-c02e256911e7
KEMET Part Number: FLLD3100AMHT6
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 100 A, 240x90x150mm
Dimensions
L
240mm NOM
W
90mm NOM
H
150mm NOM
L1
255mm NOM
L2
270mm NOM
W1
65mm NOM
J
64mm NOM
K
6.5mm NOM
M (Earth)
Threaded Studs M10
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1
Weight: 4.5 kg
General Information
Style: Chassis Mount
Series: FLLD3-MH
Description: EMI Filter, Chassis Mount, Motor
Drives
Features: High Performance
RoHS: Yes
Specifications
Voltage AC: 530/305 VAC
Rated Frequency: 50-60 Hz
Current: 100 A (50C)
Rated Temperature: 50C
Temperature Range: -25/+100C
Climate Category: 25/100/21
Test Voltage DC (P to P): 2250 VDC
Test Voltage DC (P to E): 3000 VDC
Power Loss: 32 W (25C 50 Hz)
Leakage Current: 4.7 mA
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - FLLD3100AMHT6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD3130AMHT6 KEMET-FLLD3130AMHT6 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 130 A, 240x90x150mm
FLLD3150APVI2 KEMET-FLLD3150APVI2 Datasheet
250Kb / 2P
High-current 3-phase EMC Filter
FLLD3180AMHT7 KEMET-FLLD3180AMHT7 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 180 A, 350x120x170mm
FLLD3180APVI2 KEMET-FLLD3180APVI2 Datasheet
250Kb / 2P
High-current 3-phase EMC Filter
FLLD31K0AP-I1 KEMET-FLLD31K0AP-I1 Datasheet
262Kb / 2P
High current 3-phase EMC Filter
More results

Similar Description - FLLD3100AMHT6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD3042AMHT3 KEMET-FLLD3042AMHT3 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 42 A, 280x50x85mm
FLLD3075AMHT5 KEMET-FLLD3075AMHT5 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 75 A, 240x80x135mm
FLLD3130AMHT6 KEMET-FLLD3130AMHT6 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 130 A, 240x90x150mm
FLLD3007AMHT3 KEMET-FLLD3007AMHT3 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 7 A, 160x40x70mm
FLLD3016AMHT3 KEMET-FLLD3016AMHT3 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 16 A, 220x45x70mm
FLLD3030AMHT3 KEMET-FLLD3030AMHT3 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 30 A, 240x50x85mm
FLLD3055AMHT5 KEMET-FLLD3055AMHT5 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 55 A, 220x85x90mm
FLLD3180AMHT7 KEMET-FLLD3180AMHT7 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 180 A, 350x120x170mm
FLLD4016ATHT3 KEMET-FLLD4016ATHT3 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 16 A, 120x115x80mm
FLLD4080ATHT6 KEMET-FLLD4080ATHT6 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 80 A, 230x135x125mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com