Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSR Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # FSR
Description  Force Sensing Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

FSR Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  FSR Datasheet HTML 1Page - Ohmite Mfg. Co. FSR Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
10
FSR Series
Force Sensing Resistor
SERIES SPECIFICATIONS
C h ARACTERISTICS
Thickness (inc.
Sensor overall
Sensor
Series
Active area
0.05mm adhesive)
width
overall length
Trace width
Tail width
FSR01CE 39.70 x 39.70mm
0.375mm
43.69 x 43.69mm 83.09mm
39.40mm
7.62mm
FSR02CE 604.60 x 10.20mm
0.375mm
15.20mm
622.30mm
12.70mm
7.60mm
FSR03CE
ø25.42mm
0.425mm
30.50mm
69.00mm
38.00mm
7.62mm
Mode Shunt
Trace pitch 0.25mm
Spacer height 0.50mm
Tail length 0.125mm
Characteristic Description
FSR01CE FSR02CE FSR03CE
Actuation
force
Force to reach 10MΩ, Average of 100 samples
< 20g
< 20g
< 10g
Force range linear region of log/log, Higher forces can be
achieved with custom sensor and actuation
methods
All: Up to 5kg
Long term
drift
1kg for 48hrs, Per log time
< 2%
< 1%
< 1%
Single part
repeatability
100 actuations of 1kg, 1 standard deviation/mean
All: 2%
Part to part
repeatability
100 sensors same batch, 1 standard deviation/
mean
All: ±4%
Low temp.
storage
–20°C for 250hrs, Avg. change in resistance of 5
sensors
8%
7%
7%
High temp.
storage
+85°C for 250hrs, Avg. change in resistance of 5
sensors
4%
3%
3%
High humidity
storage
+85°C/85%RH for 250hrs, Avg. change in
resistance of 5 sensors
8%
12%
8%
Lifecycle
durability
(10M) 1kg force at 3Hz, Avg. change in resistance
of 4 sensors
17%
12%
3%
Hysteresis 100 actuations of 1kg, Avg. change in resistance
of 100 samples
All: 5%
Operational
temp. range
100 cycles at 0.5kg
All: –20 to +85°C
Note: All values typical, and quoted at 10N applied force unless otherwise stated. Force dependant on actuation interface,
mechanics, touch location, and measurement electronics.
The Ohmite FSR series exhibits the unique characteristic of
dynamic resistance related to the amount of applied force.
In general, the more force applied to the surface of the
sensor, the lower the resistance. The resistance change
is inversely proportional to the applied force. Typical
force-sensing resistors are characterized for Human-
Machine Interface (HMI) or Machine-Machine
Interface (MMI) applications with a sensing range
from circa 20g to 5Kg. Specific device character-
istics will depend on the size, shape and materials
used in construction. Force-sensing resistors are
intended for applications where a delta in applied force
is to be detected. They are not intended for high accu-
racy or specific weight measurement applications.


Similar Part No. - FSR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSR FOX-FSR Datasheet
98Kb / 1P
SMD TUNING FORK
logo
Illinois Capacitor, Inc...
FSR ILLINOISCAPACITOR-FSR Datasheet
304Kb / 4P
Reduced case size - High voltage ??Low Leakage ??low dissipation
logo
RFE international
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Heyco.
FSR HEYCO-FSR Datasheet
91Kb / 1P
Feets of Strength
logo
Adam Technologies, Inc.
FSR-XX ADAM-TECH-FSR-XX Datasheet
91Kb / 1P
STRAIN RELIEF FOR FCS SERIES
More results

Similar Description - FSR

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
current sensing chip resistor
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
Current Sensing Chip Resistor
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
Current Sensing Chip Resistor
logo
Tyco Electronics
1624338-2 MACOM-1624338-2 Datasheet
111Kb / 1P
Temperature Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73 KOA-UR73 Datasheet
470Kb / 2P
current sensing chip resistor
logo
STMicroelectronics
STBCFG01 STMICROELECTRONICS-STBCFG01 Datasheet
1Mb / 37P
Integrated current sensing resistor
April 2016 Rev 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com