Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # FST
Description  Thin Film Temperature Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

FST Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  FST Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
12
FST Series
Thin Film Temperature Sensor
The FST series design positions the contact surfaces
on the side with the active measuring layer. This
design produces a sensor in position for face-down
mounting. This mounting optimizes current trends in
the ‘adhesion instead of soldering’ electronics sec-
tor. Using conductive adhesives provides reliable and
cost-effective connection to the circuit board and
is an alternative to the conventional reflow or wave
soldering. The FST series is available in 2 tolerance
classes, 0.12% and 0.24% per the DIN EN 60751
specification. Both tolerance classes are available in
the three resistance levels of the FST series.
Serie S Speci F icaT ion S
charac T eri ST ic S
Specification
DIN EN 60751
Tolerance
Class B (R0: ± 0.12 %), Class 2B (R0: ± 0.24
%)
Temperature range
-50 °C to 170 °C
Temp. coefficient
TCR = 3850 ppm/K
Contact
AgPd metallising in thick-film technology
Long-term stability
R0 drift ≤ 0.06 % after 1000 h at 170°C
Ambient conditions
Use unprotected only in dry environments
Insulation resis-
tance
> 100 MW at 20°C; > 2 MW at 170°C (glass
cover)
Measuring current
100 W: 0.3 to 1.0 mA
500 W: 0.1 to 0.7 mA
1000 W: 0.1 to 0.3 mA
(self heating has to be considered)
Self heating
0.8 K/mW at 0°C
Reaction time
Flowing water (v = 0.4 m/s): t0.5 = 0.10 s, t0.9
= 0.25 s
Air flow (v = 2 m/s): t0.5 = 2.5 s, t0.9 = 8.0 s
Processing infor-
mation
• Reflow soldering or wave soldering, e.g.
double wave soldering < 8 s / 235°
• Also can be mounted using SMD insertion
machines with Ag conductive adhesive.
• When mounting PCB circuits, the expansion
relationship of the sensor and the substrate
material must be taken into account.
Storage life
Stored in a nitrogen atmosphere, min. 9
months
Packaging
"Face-down" in blister reel, 1000 pcs / reel
dimen S ion S
(mm)
ordering in F ormaT ion
rev 12/17-2
2.1mm ±.15
1.35mm ±.15
0.4mm ±.05
0.4mm ±.2
Nom. Resistance
Tolerance
Model
(ohms)
Class
FST08-B-100E 100
B
FST08-2B-100E 100
2B
FST08-B-500E 500
B
FST08-2B-500E 500
2B
FST08-B-1K0E 1000
B
FST08-2B-1K0E 1000
2B
Other tolerances and values of resistance are available on request.
Resistance taken at 0°C
FST08-2B-100RE
Series
Tolerance
Resistance
value
RoHS
Compliant


Similar Part No. - FST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST SCHURTER-FST Datasheet
75Kb / 2P
Miniature Fuses Type FST 6,332 time-lag T
logo
Vishay Siliconix
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
logo
Gamewell-FCI by Honeywe...
FST-10 GAMEWELL-FCI-FST-10 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
FST-2 GAMEWELL-FCI-FST-2 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
logo
TE Connectivity Ltd
FST-21A-10 TEC-FST-21A-10 Datasheet
471Kb / 4P
FLEXSTRIP PIN CONFIGURATIONS, GENERIC
22MAR11
More results

Similar Description - FST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TW30SY ETC2-TW30SY Datasheet
108Kb / 3P
Ultraviolet selective thin film sensor
TW30DY2 ETC2-TW30DY2 Datasheet
81Kb / 3P
Ultraviolet selective thin film sensor
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
KOA Speer Electronics, ...
LP18CT26A103J362 KOA-LP18CT26A103J362 Datasheet
484Kb / 2P
thin film resistance thermal sensor
LP732BTTE103J3600 KOA-LP732BTTE103J3600 Datasheet
254Kb / 2P
thin film resistance thermal chip sensor
logo
TT Electronics.
PTS TTELEC-PTS Datasheet
273Kb / 2P
High stability thin film Platinum sensor
logo
WALSIN TECHNOLOGY CORPO...
TTL WALSIN-TTL Datasheet
1Mb / 12P
High Power Thin Film Current Sensor
TTL12-25 WALSIN-TTL12-25 Datasheet
3Mb / 12P
High Power Thin Film Current Sensor
logo
TE Connectivity Ltd
PTF TEC-PTF Datasheet
350Kb / 8P
Platinum Thin Film (PTF) Temperature Elements
logo
Broadcom Corporation.
AFBR-S6PY3200 BOARDCOM-AFBR-S6PY3200 Datasheet
502Kb / 3P
Thin Film Pyroelectric Flame Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com