Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCLB-12-R165E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # HCLB-12-R165E
Description  High Current Oval Edgewound
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HCLB-12-R165E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  HCLB-12-R165E Datasheet HTML 1Page - Ohmite Mfg. Co. HCLB-12-R165E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
characteristics
resistor Load Banks
High Current Oval Edgewound
Current Rating Continuous duty as listed below.
Wattage Rating Continuous duty based on a 375°C temperature rise.
Working Voltage Limited to 1000 Volts if mounting is grounded. Special higher
voltage mounting is available.
Resistance
Tolerance
±10%.
Terminals/Jumpers Standard terminals have 5/16 stainless hardware for ring lug con-
nections. Brass tags can be placed at connection points for iden-
tification. If necessary, all connections can be made on one side
of grid. Fixed tap terminals are also available. Jumpers between
resistors are nickel plated solid copper.
Mounting Resistor Banks can be produced in grid arrays of 2 x 4 to 4 x
4. All resistors in one grid are the same length. Frames are con-
structed of heavy gauge zinc plated steel. Either “bolt up” or
“bolt down” type frames are available. Frames may be grounded
if voltage potential is below 1000 Volts.
The choice when conditions demand top-notch per-
formance, these resistor load banks are commonly
used for dynamic braking on Transit applications
or where high current handling and wattage are
required. Ohmite's unique Oval Edgewound design
allows for more wattage in smaller a package.
Choose from four bank wattages with up to thirty-
one current ratings per bank.
Built to perform in rugged environments, Ohmite
load banks feature corrosion resistant stainless
steel insulator supports, solid nickel terminals, and
special electroless nickel-plated solid copper termi-
nal supports. The resistance element is made of a
stainless steel resistance alloy. Terminals are welded
or silver brazed to the oval, spiral edgewound resis-
tance element. Toothed ceramic insulators isolate the
resistance element from the center support. Ceramic
end bushings insulate the center support from the
mountings.
NOTE
Load banks require
significant investment
in resistance wire due
to high minimum order
quantities imposed by
our vendors. Before
ordering always check
with the factory on wire
availability.
8KW
12KW
15KW
24KW


Similar Part No. - HCLB-12-R165E

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HCL-LEAD MSYSTEM-HCL-LEAD Datasheet
66Kb / 1P
TEST LEADS
logo
Sensortechnics GmbH
HCL0005 SENSORTECHNICS-HCL0005 Datasheet
188Kb / 10P
Miniature compensated low pressure sensors
HCL0005D SENSORTECHNICS-HCL0005D Datasheet
153Kb / 10P
Miniature compensated low pressure sensors
HCL0005E SENSORTECHNICS-HCL0005E Datasheet
153Kb / 10P
Miniature compensated low pressure sensors
HCL0005G SENSORTECHNICS-HCL0005G Datasheet
153Kb / 10P
Miniature compensated low pressure sensors
More results

Similar Description - HCLB-12-R165E

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE144RE AUK-SHE144RE Datasheet
196Kb / 4P
Oval Type High Efficiency LED Lamp
logo
RCD COMPONENTS INC.
EW750X-R100-KB RCD-EW750X-R100-KB Datasheet
107Kb / 1P
HIGH POWER EDGEWOUND RESISTORS TUBULAR, 75 WATT to 2000 WATT
logo
Ohmite Mfg. Co.
76021-R118 OHMITE-76021-R118 Datasheet
57Kb / 1P
High Current Round Edgewound
PFE2KR100E OHMITE-PFE2KR100E Datasheet
120Kb / 2P
Powr-Rib Edgewound Edgewound and Round Wire
PFE OHMITE-PFE Datasheet
337Kb / 2P
Edgewound and Round Wire
WLRD6G OHMITE-WLRD6G Datasheet
107Kb / 1P
High Current Oval Edgewound
14984 OHMITE-14984 Datasheet
128Kb / 1P
High Current Round Edgewound
logo
Vishay Siliconix
EDGF VISHAY-EDGF Datasheet
178Kb / 6P
Edgewound Power Resistor
01-Mar-15
CS63 VISHAY-CS63 Datasheet
92Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com