Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCLB-24-R165E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # HCLB-24-R165E
Description  High Current Oval Edgewound
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HCLB-24-R165E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  HCLB-24-R165E Datasheet HTML 1Page - Ohmite Mfg. Co. HCLB-24-R165E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
dimensions
ordering information
Dimensions for reference only; Consult factory for details.
resistor Load Banks
High Current Oval Edgewound
W
B
A
19.250
0.63
0.56
H
21.125
C
Type
A
H
W
B
C
8KW
16.50
12.875
18.25
1.500
0.250
12KW
16.50
18.875
18.25
1.75
0.31
15KW
16.50
24.94
18.25
1.75
0.31
24KW
23.13
24.94
24.88
1.75
0.31
8K Watt
Resistance Current Wattage
0.099
285
8,041
0.122
257
8,049
0.144
236
8,020
0.165
221
8,044
0.248
180
8,019
0.284
168
8,027
0.286
167
7,982
0.333
155
8,000
0.360
149
7,992
0.383
145
8,061
0.412
140
8,070
0.418
139
8,068
0.482
129
8,013
0.562
120
8,087
0.576
118
8,020
0.659
110
7,971
0.680
109
8,084
0.711
106
7,989
0.770
102
8,015
0.833
98
7,995
0.878
96
8,095
1.145
84
8,078
1.215
81
7,972
1.373
76
7,928
1.534
72
7,950
1.636
70
8,017
1.701
69
8,098
1.920
65
8,112
1.944
64
7,963
2.246
60
8,087
2.448
57
7,954
3.168
50
7,920
4.091
44
7,919
6.120
36
7,932
11.025
27
8,037
15K Watt
Resistance Current Wattage
0.220
261
14,987
0.271
236
15,082
0.320
217
15,068
0.366
203
15,082
0.428
187
14,967
0.488
175
14,945
0.550
165
14,974
0.632
154
14,989
0.740
142
14,921
0.800
137
15,015
0.880
130
14,872
0.928
127
14,968
1.070
118
14,899
1.220
111
15,032
1.280
108
14,930
1.512
99
14,819
1.760
92
14,897
1.850
90
14,985
2.130
84
15,029
2.320
80
14,848
2.544
77
15,083
2.700
74
14,785
2.960
71
14,921
3.050
70
14,945
3.120
69
14,854
3.780
63
15,003
4.320
59
15,038
4.400
58
14,802
4.880
55
14,762
5.440
52
14,710
7.040
46
14,897
9.090
41
15,280
9.800
39
14,906
13.600
33
14,810
21.760
26
14,710
24.500
24.5
14,706
24K Watt
Resistance Current Wattage
0.328
271
24,089
0.82
171
23,978
0.976
157
24,057
1.112
147
24,029
1.312
135
23,911
1.344
133
23,774
1.416
130
23,930
1.904
112
23,884
2.272
102
23,638
2.292
102
23,846
2.44
99
23,914
2.78
93
24,044
3.36
84
23,708
3.54
82
23,803
3.904
78
23,752
4.448
73
23,703
4.76
71
23,995
5.376
67
24,133
5.664
65
23,930
5.68
65
23,998
5.73
64.5
23,838
7
58
23,548
7.616
56
23,884
9.088
51
23,638
9.168
51
23,846
10.32
48
23,777
17.5
37
23,958
25.8
30.5
24,000
28
29
23,548
41.28
24
23,777
12K Watt
Resistance Current Wattage
0.165
270
12,029
0.203
244
12,092
0.240
224
12,042
0.275
210
12,105
0.321
194
12,081
0.366
181
11,991
0.474
159
11,983
0.495
156
12,046
0.555
147
11,993
0.609
140
11,942
0.660
135
12,029
0.720
129
11,982
0.810
122
12,056
0.915
115
12,101
0.960
112
12,042
1.134
103
12,031
1.320
96
12,165
1.464
90
11,858
1.665
85
12,030
1.896
80
12,134
2.220
73
11,830
2.430
70
11,907
2.745
66
11,957
3.240
61
12,056
3.660
57
11,891
3.744
57
12,164
3.960
55
11,979
4.080
54
11,897
5.280
48
12,165
7.350
40
11,760
8.181
38
11,813
12.240
31
11,763
16.320
27
11,897
22.050
23.5
12,177
HCLB-12-R165E
Series
High Current
Load Bank
Wattage
08 = 8KW
12 = 12KW
15 = 15KW
24 = 24KW
Resistance
RoHS
Compliant
rev 2/18-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com