Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2846CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2846CG
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846CG Datasheet(HTML) 2 Page - Linear Technology

  LTC2846CG Datasheet HTML 1Page - Linear Technology LTC2846CG Datasheet HTML 2Page - Linear Technology LTC2846CG Datasheet HTML 3Page - Linear Technology LTC2846CG Datasheet HTML 4Page - Linear Technology LTC2846CG Datasheet HTML 5Page - Linear Technology LTC2846CG Datasheet HTML 6Page - Linear Technology LTC2846CG Datasheet HTML 7Page - Linear Technology LTC2846CG Datasheet HTML 8Page - Linear Technology LTC2846CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC2846
sn2846 2846fs
ORDER PART
NUMBER
(Note 1)
VCC Voltage.............................................. –0.3V to 6.5V
VIN Voltage .............................................. –0.3V to 6.5V
Input Voltage
Transmitters ........................... – 0.3V to (VCC + 0.3V)
Receivers ............................................... – 18V to 18V
Logic Pins .............................. – 0.3V to (VCC + 0.3V)
Output Voltage
Transmitters ................. (VEE – 0.3V) to (VDD + 0.3V)
Receivers ................................. – 0.3V to (VIN + 0.3V)
VEE........................................................ – 10V to 0.3V
VDD ....................................................... – 0.3V to 10V
Short-Circuit Duration
Transmitter Output ..................................... Indefinite
Receiver Output .......................................... Indefinite
VEE.................................................................. 30 sec
SW Voltage ............................................... – 0.4V to 36V
FB Voltage ............................................... – 0.3V to 2.5V
Current into FB Pin ..............................................
±1mA
SHDN Voltage ........................................... – 0.3V to 10V
Operating Temperature Range
LTC2846C ............................................... 0
°C to 70°C
LTC2846I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC2846CG
LTC2846IG
TJMAX = 125°C, θJA = 90°C/W, θJC = 35°C/W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
NC
PGND
VIN
SHDN
C1
C1+
VDD
VCC
D1
D2
D3
R1
R2
R3
M0
M1
VIN
M2
SW
FB
SGND
C2+
C2
VEE
GND
D1 A
D1 B
D2 A
D2 B
D3/R1 A
D3/R1 B
R2 A
R2 B
R3 A
R3 B
DCE/DTE
R3
CHARGE PUMP
R1
D2
D1
R2
D3
G PACKAGE
36-LEAD PLASTIC SSOP
T
T
T
T
T
BOOST
SWITCHING
REGULATOR
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VIN = 3.3V, VSHDN = VIN, unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICC
VCC Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
14
mA
All Digital Pins = GND or VIN)
RS530, RS530-A, X.21 Modes, Full Load
q
100
130
mA
V.35 Mode
q
126
170
mA
V.28 Mode, No Load
20
mA
V.28 Mode, Full Load
q
35
75
mA
No-Cable Mode
q
300
900
µA
PD
Internal Power Dissipation (DCE Mode)
RS530, RS530-A, X.21 Modes, Full Load
550
mW
V.35 Mode, Full Load
775
mW
V.28 Mode, Full Load
200
mW
V +
Positive Charge Pump Output Voltage
V.11 or V.28 Mode, No Load
q
8
9.3
V
V.35 Mode
q
7
8.0
V
V.28 Mode, with Load
q
8
8.7
V
V.28 Mode, with Load, IDD = 10mA
6.5
V
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*
θJA SOLDERED TO A CIRCUIT BOARD IS TYPICALLY 60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com