Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # LVC
Description  Low Value Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

LVC Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  LVC Datasheet HTML 1Page - Ohmite Mfg. Co. LVC Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
11
Size
L
W
t
a
±0.2
±0.2
±0.15
±0.15
LVC06
3.2
1.6
0.5
1.0
(EIA size 1206)
LVC20
5.0
2.5
0.5
1.7
(EIA size 2010)
LVC25
6.4
3.2
0.5
2.0
(EIA size 2512)
Low Value
Chip Series
Case Size
06 = 1206
20 = 2010
25 = 2512
Tolerance
F= 1%
G = 2%
Ohms
R249 = 0.249
1R00 = 1.0
Taping Code
blank = bulk package
V = reel taped
RoHS Compliant
LVC06FR560E V
Land Pattern
Land pattern dimensions are for reference only
L
O
M
N
Size
M
N
O
L
LVC06
0.146 0.040 0.080 0.066
LVC20
0.229 0.056 0.120 0.117
LVC25
0.288 0.068 0.150 0.152
180 ±3
60 ±1
13 ±.2
2 ±.5
13 ±1.4 (LVC06)
15 ±1.4 (LVC20, 25)
9 ±.3 (LVC06)
13 ±.3 (LVC20, 25)
L
W
aa
t
Resistor
Protective
coating
Substrate Electrode
Ag-Pd terminal
Nickel barrier
100% Sn solder
Ohm range
Tol. Available Ohm Values
0.027 ~ 4.7 1% 0.027, 0.033, 0.039, 0.047, 0.050, 0.056, 0.068, 0.082,
0.10, 0.12, 0.15, 0.18, 0.20, 0.22, 0.25, 0.27, 0.33, 0.39,
0.47, 0.50, 0.56, 0.68, 0.82, 1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.5,
2.7, 3.3, 3.9, 4.7
0.010 ~ 0.022 2% 0.010, 0.012, 0.015, 0.018, 0.020, 0.022
Only E12 values plus 20, 25, 50
LVC Series
Low Value Chip
dimen S ion S
(mm)
r ee L SP e C ifi C ation S
5,000 pc/reel
o rdering information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com