Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNDM54LS20 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNDM54LS20
Description  DUAL 4-INPUT NAND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNDM54LS20 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MNDM54LS20 Datasheet HTML 1Page - National Semiconductor (TI) MNDM54LS20 Datasheet HTML 2Page - National Semiconductor (TI) MNDM54LS20 Datasheet HTML 3Page - National Semiconductor (TI) MNDM54LS20 Datasheet HTML 4Page - National Semiconductor (TI) MNDM54LS20 Datasheet HTML 5Page - National Semiconductor (TI) MNDM54LS20 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROCIRCUIT DATA SHEET
MNDM54LS20-X REV 1A0
(Absolute Maximum Ratings)
(Note 1)
Storage Temperature
-65 C to +150 C
Ambient Temperature under Bias
-55 C to +125 C
Input Voltage
-0.5V to +10.0V
VCC Pin Potential to Ground Pin
-0.5V to +7.0V
Junction Temperature under Bias
-55 C to +175 C
Current Applied to Output in LOW state (Max)
twice the rated Iol (ma)
Note 1:
Absolute Maximum ratings are those values beyond which the device may be damaged or
have its useful life impaired.
Functional operation under these conditions is not
implied.
Recommended Operating Conditions
Free Air Ambient Temperature
-55 C to +125 C
Military
Supply Voltage
+4.5V to +5.5V
Military
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com