Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA Datasheet(PDF) 2 Page - ASM GmbH

Part # BA
Description  Infrarot-Temperatur-Messger채te
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

BA Datasheet(HTML) 2 Page - ASM GmbH

  BA Datasheet HTML 1Page - ASM GmbH BA Datasheet HTML 2Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASM GmbH
KAT-IRC-07/2013
19
Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.de
Befestigungsschraube
für Abdeckung
Serie BA
Infrarot-Temperatur-Messgeräte
Maßzeichnung Grundgerät
Befestigungswinkel (Standardzubehör)
Kabellänge 2 m
Laseraustritt
Befestigungsbohrungen (M4 x 8 mm tief)
Ankerschraube [W1/4]
Anschlussdiagramm
Gewicht:
ca. 350g (BA-TA/TV)
ca. 360 g (BA-TC)
Optionale Freiblaseinrichtung



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com