Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAV-3F Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DAV-3F
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAV-3F Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DAV-3F Datasheet HTML 1Page - PAIRUI GROUP INC. DAV-3F Datasheet HTML 2Page - PAIRUI GROUP INC. DAV-3F Datasheet HTML 3Page - PAIRUI GROUP INC. DAV-3F Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pairuigroup.com
Page:
2/4
Date: 09/09/2015
DC-DC Converter
SIP-Package
DAV-3F SERIES, 3WATT, REGULATED WITH 2:1 INPUT RANGE
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output Current
(mA)
Efficiency
Typ.
Min.
Max.
DAV3-2424F
±15
10
100
80%
DAV3-2425F
±24
6.25
62.5
80%
DAV3-4811F
48(36~72)
5
60
600
74%
DAV3-4812F
9
33.3
333
74%
DAV3-4813F
12
25
250
78%
DAV3-4814F
15
20
200
78%
DAV3-4815F
24
12.5
125
78%
DAV3-4821F
±5
30
300
74%
DAV3-4822F
±9
16.7
167
78%
DAV3-4823F
±12
12.5
125
78%
DAV3-4824F
±15
10
100
78%
DAV3-4825F
±24
6.25
62.5
78%
Notes: other input and output models may available on request.
ELECTRICAL
Output voltage accuracy
(Full voltage, full load)
+Vo
-Vo
Vo(no-load)
≤±2.0%
≤±3.0%
Main:
≤±3.0%, Aux.:≤±5.0%
Line regulation
Nominal load, full voltage
Main:
≤±0.2%, Aux.:≤±5.0%
Load regulation
10% ~ 100% rated load
Main:
≤±0.5%, Aux.:≤±0.75%
Ripple and noise
Nominal load and voltage, 20MHz
bandwidth
100mVp-p max.
Temperature coefficient
Full load
±0.03%/
℃
Continuous short circuit protection
---
Auto-recovery
Operating frequency
---
250KHz Typ.
Operating temperature range
---
-40
℃ to +85℃
Storage temperature range
Humidity 5%~95%RH non-condensing
-55
℃ to +125℃
Isolation voltage
≤0.5mA / 1min
3000Vdc
MTBF
MIL-HDBK-217F@25
℃
1000KHrs
Weight
---
4.8g
Notes: All the parameters are measured at 25
℃ ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com