Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBR1-2425F Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DBR1-2425F
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DBR1-2425F Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DBR1-2425F Datasheet HTML 1Page - PAIRUI GROUP INC. DBR1-2425F Datasheet HTML 2Page - PAIRUI GROUP INC. DBR1-2425F Datasheet HTML 3Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.pairuigroup.com
Page:
1/3
Date: 07/20/2015
DC-DC Converter
SIP-Package
DBR-1F SERIES, 1WATT, 3KVDC, REGULATED
FEATURES:
3000Vdc isolation voltage
Fully regulated with low ripple and noise
Dual output models
Continuous short circuit protection
Operating temperature range -40
℃ to +85℃
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DBR1-0521F
5(4.75~5.25)
±5
10
100
54%
DBR1-0522F
±9
5.5
55
63%
DBR1-0523F
±12
4
40
63%
DBR1-0524F
±15
3.3
33
65%
DBR1-0525F
±24
2.1
21
62%
DBR1-1221F
12(11.4~12.6)
±5
10
100
56%
DBR1-1222F
±9
5.5
55
62%
DBR1-1223F
±12
4
40
65%
DBR1-1224F
±15
3.3
33
66%
DBR1-1225F
±24
2.1
21
62%
DBR1-2421F
24(22.8~25.2)
±5
10
100
54%
DBR1-2422F
±9
5.5
55
62%
DBR1-2423F
±12
4
40
64%
DBR1-2424F
±15
3.3
33
66%
DBR1-2425F
±24
2.1
21
62%
Notes: other input and output models may available on request.
ELECTRICAL
Line regulation
---
±0.25%
Load regulation
10% ~ 100% full load
±1%
Ripple and noise
---
100mVp-p max.
Isolation voltage
---
3000Vdc
Short circuit protection
---
Continuous short circuit protection
Operating temperature range
---
-40
℃ to +85℃
MTBF
---
3500KHrs
Weight
---
4.5g


Similar Part No. - DBR1-2425F

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DBR1-2425F PAIRUI-DBR1-2425F Datasheet
393Kb / 3P
DC-DC Converter
More results

Similar Description - DBR1-2425F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com