Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7664SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM7664SC
Description  ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7664SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM7664SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7664SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7664SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7664SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3 - 210
3.3
OM7662SC - OM7664SC
ELECTRICAL CHARACTERISTICS: 5 VOLT OUTPUT (OM7662SC)
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOUT
TJ = 25°C, VIN = 12 V, IO = 10 mA
4.90
5.00
5.10
V
8.0 V VIN 35 V, 10 mA IO 3 A; P 25 W
4.80
5.00
5.20
Line Regulation (Note 1)
8.0 V VIN 35 V
-
.03
.06
%/V
Load Regulation
10 mA IO 3.0 A
-
20
55
mV
Thermal Regulation
TA = 25°C, 20 mS Pulse
-
.005
.013
%/W
Ripple Rejection
f = 120 Hz; VOUT = 5 V
-
65
-
dB
Miminum Load
--
10
mA
Current Limit
VIN = 13 V, TJ = 25°C
3
4.5
-
A
Temperature Stability
-
1.0
2.0
%
RMS Output Noise
TA = 25°C, 10 Hz f 10 kHz
-
.001
-
%
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately.
Pulse testing with low duty cycle is used.
ELECTRICAL CHARACTERISTICS: 12 VOLT OUTPUT (OM7663SC)
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOUT
TJ = 25°C, VIN = 18 V, IO = 10 mA
11.76
12.00
12.24
V
15 V VIN 35 V, 10 mA IO 3 A; P 25 W
11.53
12.00
12.48
Line Regulation (Note 1)
15 V VIN 35 V
-
.03
.06
%/V
Load Regulation
10 mA IO 3.0 A
-
60
132
mV
Thermal Regulation
TA = 25°C, 20 mS Pulse
-
.005
.013
%/W
Ripple Rejection
f = 120 Hz; VOUT = 12 V
-
65
-
dB
Miminum Load
--
10
mA
Current Limit
VIN = 20 V, TJ = 25°C
3
4.5
-
A
Temperature Stability
-
1.0
2.0
%
RMS Output Noise
TA = 25°C, 10 Hz f 10 kHz
-
.001
-
%
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately.
Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com