Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPU07N03LA Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPU07N03LA
Description  Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU07N03LA Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPU07N03LA Datasheet HTML 1Page - Infineon Technologies AG IPU07N03LA Datasheet HTML 2Page - Infineon Technologies AG IPU07N03LA Datasheet HTML 3Page - Infineon Technologies AG IPU07N03LA Datasheet HTML 4Page - Infineon Technologies AG IPU07N03LA Datasheet HTML 5Page - Infineon Technologies AG IPU07N03LA Datasheet HTML 6Page - Infineon Technologies AG IPU07N03LA Datasheet HTML 7Page - Infineon Technologies AG IPU07N03LA Datasheet HTML 8Page - Infineon Technologies AG IPU07N03LA Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPU07N03LA
OptiMOS®2 Power-Transistor
Features
• Ideal for high-frequency dc/dc converters
• N-channel
• Logic level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• Superior thermal resistance
• 175 °C operating temperature
• dv /dt rated
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
1)
30
A
T C=100 °C
30
Pulsed drain current
I D,pulse
T C=25 °C
2)
210
Avalanche energy, single pulse
E AS
I D=30 A, R GS=25 Ω
375
mJ
Reverse diode dv /dt
dv /dt
I D=30 A, V DS=20 V,
di /dt =200 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
3)
V GS
±20
V
Power dissipation
P tot
T C=25 °C
83
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
V DS
25
V
R DS(on),max
6.5
m
Ω
I D
30
A
Product Summary
P-TO252-3-11
Type
Package
Ordering Code
Marking
IPU07N03LA
P-TO251-3-1
Q67042-S4150
07N03LA
P-TO251-3-1
Rev. 1.1
page 1
2003-02-06


Similar Part No. - IPU07N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU07N03L INFINEON-IPU07N03L Datasheet
157Kb / 8P
OptiMOS Buck converter series
2003-01-17
More results

Similar Description - IPU07N03LA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com